Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9516A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9516A
Description  5-channel I2C-bus hub
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9516A Datasheet HTML 1Page - NXP Semiconductors PCA9516A Datasheet HTML 2Page - NXP Semiconductors PCA9516A Datasheet HTML 3Page - NXP Semiconductors PCA9516A Datasheet HTML 4Page - NXP Semiconductors PCA9516A Datasheet HTML 5Page - NXP Semiconductors PCA9516A Datasheet HTML 6Page - NXP Semiconductors PCA9516A Datasheet HTML 7Page - NXP Semiconductors PCA9516A Datasheet HTML 8Page - NXP Semiconductors PCA9516A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
2 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
I 0 Hz to 400 kHz clock frequency1
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO16 and TSSOP16
3.
Ordering information
3.1 Ordering options
1.
The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9516AD
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
PCA9516APW
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9516AD
PCA9516AD
Tamb = −40 °C to +85 °C
PCA9516APW
PA9516A
Tamb = −40 °C to +85 °C


Similar Part No. - PCA9516A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9516AD PHILIPS-PCA9516AD Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9516APW PHILIPS-PCA9516APW Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
More results

Similar Description - PCA9516A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
   Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
   5-channel I2C hub
2002 May 13
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
[Old version datasheet]   EXPANDABLE FIVE-CHANNEL I2C HUB
logo
Mallory performance clu...
7740 MALLORY-7740 Datasheet
160Kb / 2P
   CAN-Bus Hub
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com