Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX563M016H4P3 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SLPX563M016H4P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX563M016H4P3 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SLPX563M016H4P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX563M016H4P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/85°C
Size (DxL)
μF
3000 h @ 85 ºC
(Ω)
(A
rms)
(mm)
50 Vdc (63 Vdc Surge)
5600
SLPX562M050A7P3
0.083
3.26
22 x 40
5600
SLPX562M050A4P3
0.083
3.43
22 x 45
5600
SLPX562M050C5P3
0.083
3.47
25 x 35
5600
SLPX562M050E3P3
0.083
3.43
30 x 30
6800
SLPX682M050A9P3
0.068
3.94
22 x 50
6800
SLPX682M050C7P3
0.068
3.87
25 x 40
6800
SLPX682M050E5P3
0.068
3.93
30 x 35
8200
SLPX822M050C4P3
0.057
4.44
25 x 45
8200
SLPX822M050E5P3
0.057
4.47
30 x 35
8200
SLPX822M050H3P3
0.057
4.41
35 x 30
10000
SLPX103M050E7P3
0.046
5.08
30 x 40
10000
SLPX103M050H5P3
0.046
4.92
35 x 35
12000
SLPX123M050E9P3
0.039
5.72
30 x 50
12000
SLPX123M050H7P3
0.039
5.69
35 x 40
15000
SLPX153M050H4P3
0.031
6.56
35 x 45
18000
SLPX183M050H9P3
0.026
7.14
35 x 50
22000
SLPX223M050H9P3
0.021
7.89
35 x 50
63 Vdc (79 Vdc Surge)
1800
SLPX182M063A1P3
0.221
1.90
22 x 25
2200
SLPX222M063A3P3
0.181
2.35
22 x 30
2200
SLPX222M063C1P3
0.181
2.30
25 x 25
2700
SLPX272M063A5P3
0.147
2.50
22 x 35
2700
SLPX272M063C3P3
0.147
2.52
25 x 30
3300
SLPX332M063A7P3
0.121
2.72
22 x 40
3300
SLPX332M063C3P3
0.121
2.74
25 x 30
3300
SLPX332M063E1P3
0.121
2.78
30 x 25
3900
SLPX392M063A4P3
0.102
3.09
22 x 45
3900
SLPX392M063C5P3
0.102
3.13
25 x 35
3900
SLPX392M063E3P3
0.102
3.09
30 x 30
4700
SLPX472M063A9P3
0.085
3.69
22 x 50
4700
SLPX472M063C7P3
0.085
3.59
25 x 40
4700
SLPX472M063E3P3
0.085
3.54
30 x 30
5600
SLPX562M063C4P3
0.071
4.01
25 x 45
5600
SLPX562M063E5P3
0.071
4.00
30 x 35
5600
SLPX562M063H3P3
0.071
3.75
35 x 30
6800
SLPX682M063C9P3
0.059
4.52
25 x 50
6800
SLPX682M063E7P3
0.059
4.55
30 x 40
6800
SLPX682M063H3P3
0.059
4.44
35 x 30
8200
SLPX822M063E4P3
0.049
5.12
30 x 45
8200
SLPX822M063H5P3
0.049
5.05
35 x 35
10000
SLPX103M063E9P3
0.040
5.78
30 x 50
10000
SLPX103M063H7P3
0.040
5.75
35 x 40
12000
SLPX123M063E9P3
0.033
6.20
30 x 50
12000
SLPX123M063E9P3
0.033
6.20
30 x 50
12000
SLPX123M063H4P3
0.033
6.47
35 x 45
12000
SLPX123M063H9P3
0.033
6.76
35 x 50
80 Vdc (100 Vdc Surge)
1200
SLPX122M080A1P3
0.276
1.77
22 x 25
1500
SLPX152M080A3P3
0.221
2.01
22 x 30
1800
SLPX182M080A3P3
0.184
2.11
22 x 30
1800
SLPX182M080C1P3
0.184
2.26
25 x 25
2200
SLPX222M080A7P3
0.151
2.53
22 x 40
2200
SLPX222M080C3P3
0.151
2.53
25 x 30
2200
SLPX222M080E1P3
0.151
2.56
30 x 25
2700
SLPX272M080A4P3
0.123
2.93
22 x 45
2700
SLPX272M080C5P3
0.123
2.93
25 x 35
2700
SLPX272M080E3P3
0.123
2.91
30 x 30
3300
SLPX332M080A9P3
0.101
3.23
22 x 50
3300
SLPX332M080C7P3
0.101
3.29
25 x 40
5


Similar Part No. - SLPX563M016H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX563M016H4P3 CDE-SLPX563M016H4P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX563M016H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com