Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9543B
Description  2-channel I2C-bus switch with interrupt logic and reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9543B Datasheet HTML 3Page - NXP Semiconductors PCA9543B Datasheet HTML 4Page - NXP Semiconductors PCA9543B Datasheet HTML 5Page - NXP Semiconductors PCA9543B Datasheet HTML 6Page - NXP Semiconductors PCA9543B Datasheet HTML 7Page - NXP Semiconductors PCA9543B Datasheet HTML 8Page - NXP Semiconductors PCA9543B Datasheet HTML 9Page - NXP Semiconductors PCA9543B Datasheet HTML 10Page - NXP Semiconductors PCA9543B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PCA9543A_43B_43C_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 15 June 2009
7 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
Remark: Two interrupts can be active at the same time.
6.3 RESET input
The RESET input is an active LOW signal which may be used to recover from a bus fault
condition. By asserting this signal LOW for a minimum of tw(rst)L, the PCA9543A will reset
its registers and I2C-bus state machine and will deselect all channels. The RESET input
must be connected to VDD through a pull-up resistor.
6.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9543A in
a reset condition until VDD has reached VPOR. At this point, the reset condition is released
and the PCA9543A registers and I2C-bus state machine are initialized to their default
states (all zeroes) causing all the channels to be deselected. Thereafter, VDD must be
lowered below 0.2 V to reset the device.
6.5 Voltage translation
The pass gate transistors of the PCA9543A are constructed such that the VDD voltage can
be used to limit the maximum voltage that will be passed from one I2C-bus to another.
Figure 8 shows the voltage characteristics of the pass gate transistors (note that the graph
was generated using the data specified in Section 10 “Static characteristics” of this data
sheet). In order for the PCA9543A to act as a voltage translator, the Vo(sw) voltage should
be equal to, or lower than the lowest bus voltage. For example, if the main bus was
running at 5 V, and the downstream buses were 3.3 V and 2.7 V, then Vo(sw) should be
equal to or below 2.7 V to effectively clamp the downstream bus voltages. Looking at
(1) maximum
(2) typical
(3) minimum
Fig 8.
Pass gate voltage versus supply voltage
VDD (V)
2.0
5.5
4.5
3.0
4.0
002aaa964
3.0
2.0
4.0
5.0
Vo(sw)
(V)
1.0
3.5
5.0
2.5
(1)
(2)
(3)


Similar Part No. - PCA9543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543B NXP-PCA9543B Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543B NXP-PCA9543B Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9543BPW NXP-PCA9543BPW Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
More results

Similar Description - PCA9543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com