Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX562M035A5P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SLPX562M035A5P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX562M035A5P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SLPX562M035A5P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX562M035A5P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Long Life (3000 h) Wide Range Snap-In
Type SLPX can operate at 85 ºC at rated voltage for 3000
hours. This aluminum electrolytic snap-in capacitor
offers a wide range of voltages and capacitance values
to fit most DC filtering and switching power supply
applications. The SLPX is the best value package
compared to the other snap-in series.
Highlights
3000 h ripple load life at rated voltage
85 ºC rated
Small case size with high capacitance
Best for switching power supplies
22 mm to 35 mm diameter, 10 mm lead spacing
Great value snap-in type
High ripple current
Specifications
Operating Temperature Range:
Voltage Range:
Capacitance Range:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multipliers:
Ripple Life:
Load Life Test:
–40 ºC to 85 ºC (10 Vdc~250 Vdc)
10 Vdc to 250 Vdc
220 µF to 82,000 µF
±20%
≤ 3 √CV (µA)
3,000 h @ full load @ 85 ºC
Δ Capacitance ±20% of initial value
ESR ≤200% of limit
Leakage current ≤ initial specified value
3,000 h at rated voltage at 85 ºC
Δ Capacitance ±20% of initial value
DF ≤200% of specified value
Leakage current ≤ initial specified value
There shall be no leakage of electrolyte
Frequency / Multiplier
Voltage
60 Hz
120 Hz
1 kHz 10 kHz & Up
10 - 100 Vdc
0.90
1.00
1.15
1.25
160 - 250 Vdc
0.80
1.00
1.15
1.47
To apply multipliers, see ratings tables for ripple
current values
Ambient Temperature / Multiplier
20 ºC - 45 ºC
55 ºC
65 ºC - 75 ºC
85 ºC
1.58
1.41
1.22
1.00
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
1


Similar Part No. - SLPX562M035A5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX562M035A5P3 CDE-SLPX562M035A5P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX562M035A5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com