Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9549 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9549 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9549 Datasheet HTML 7Page - NXP Semiconductors PCA9549 Datasheet HTML 8Page - NXP Semiconductors PCA9549 Datasheet HTML 9Page - NXP Semiconductors PCA9549 Datasheet HTML 10Page - NXP Semiconductors PCA9549 Datasheet HTML 11Page - NXP Semiconductors PCA9549 Datasheet HTML 12Page - NXP Semiconductors PCA9549 Datasheet HTML 13Page - NXP Semiconductors PCA9549 Datasheet HTML 14Page - NXP Semiconductors PCA9549 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PCA9549_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 July 2009
11 of 25
NXP Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
9.
Static characteristics
[1]
For operation between published voltage ranges, refer to the worst-case parameters in both ranges.
[2]
VDD must be lowered to 0.2 V in order to reset part.
Table 6.
Static characteristics at VDD = 2.3 V to 3.6 V
VSS = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified. See Table 7 on page 12 for VDD = 4.5 V to 5.5 V[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
3.6
V
IDD
supply current
Operating mode; VDD = 3.6 V; no load;
VI =VDD or VSS; fSCL = 100 kHz
-20
50
µA
Istb
standby current
Standby mode; VDD = 3.6 V; no load;
VI =VDD or VSS
-
0.1
1
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[2] -
1.6
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
VOL = 0.6 V
6
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
6
21
pF
Select inputs A0 to A2, RESET
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD + 0.5
V
ILI
input leakage current
pin at VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-2
5
pF
Pass gate
Ron
ON-state resistance
VDD = 3.0 V to 3.6 V; VO = 0.4 V;
IO =15mA
-7
12
VDD = 2.3 V to 2.7 V; VO = 0.4 V;
IO =10mA
-8
15
Vo(sw)
switch output voltage
Vi(sw) =VDD = 3.3 V; Io(sw) = −100 µA
-
1.9
-
V
Vi(sw) =VDD = 3.0 V to 3.6 V;
Io(sw) = −100 µA
1.6
-
2.8
V
Vi(sw) =VDD = 2.5 V; Io(sw) = −100 µA
-
1.5
-
V
Vi(sw) =VDD = 2.3 V to 2.7 V;
Io(sw) = −100 µA
1.0
-
2.0
V
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Cio
input/output capacitance
VI =VSS
-3
5
pF


Similar Part No. - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549BS PHILIPS-PCA9549BS Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549D PHILIPS-PCA9549D Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549PW PHILIPS-PCA9549PW Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
More results

Similar Description - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
   Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
   Octal bus switch with quad output enables
2004 May 26
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
   Octal bus switch with quad output enables
Rev. 02-15 September 2005
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com