Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9548AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9548AD
Description  8-channel I2C-bus switch with reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9548AD Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9548AD Datasheet HTML 1Page - NXP Semiconductors PCA9548AD Datasheet HTML 2Page - NXP Semiconductors PCA9548AD Datasheet HTML 3Page - NXP Semiconductors PCA9548AD Datasheet HTML 4Page - NXP Semiconductors PCA9548AD Datasheet HTML 5Page - NXP Semiconductors PCA9548AD Datasheet HTML 6Page - NXP Semiconductors PCA9548AD Datasheet HTML 7Page - NXP Semiconductors PCA9548AD Datasheet HTML 8Page - NXP Semiconductors PCA9548AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The PCA9548A is an octal bidirectional translating switch controlled via the I2C-bus. The
SCL/SDA upstream pair fans out to eight downstream pairs, or channels. Any individual
SCx/SDx channel or combination of channels can be selected, determined by the
contents of the programmable control register.
An active LOW reset input allows the PCA9548A to recover from a situation where one of
the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets the
I2C-bus state machine and causes all the channels to be deselected as does the internal
Power-on reset function.
The pass gates of the switches are constructed such that the VDD pin can be used to limit
the maximum high voltage which will be passed by the PCA9548A. This allows the use of
different bus voltages on each pair, so that 1.8 V or 2.5 V or 3.3 V parts can communicate
with 5 V parts without any additional protection. External pull-up resistors pull the bus up
to the desired voltage level for each channel. All I/O pins are 5 V tolerant.
2.
Features
I 1-of-8 bidirectional translating switches
I I2C-bus interface logic; compatible with SMBus standards
I Active LOW reset input
I 3 address pins allowing up to 8 devices on the I2C-bus
I Channel selection via I2C-bus, in any combination
I Power-up with all switch channels deselected
I Low Ron switches
I Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant inputs
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Three packages offered: SO24, TSSOP24, and HVQFN24
PCA9548A
8-channel I2C-bus switch with reset
Rev. 03 — 7 July 2009
Product data sheet


Similar Part No. - PCA9548AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548AD PHILIPS-PCA9548AD Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
logo
Texas Instruments
PCA9548ADB TI-PCA9548ADB Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADB TI-PCA9548ADB Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBG4 TI-PCA9548ADBG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBR TI-PCA9548ADBR Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548AD

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9546A NXP-PCA9546A Datasheet
147Kb / 25P
   4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
   4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
[Old version datasheet]   8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
150Kb / 26P
   8-channel I2C-bus multiplexer with reset
Rev. 03-10 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com