Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9553TK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9553TK
Description  4-bit I2C-bus LED driver with programmable blink rates
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9553TK Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9553TK Datasheet HTML 1Page - NXP Semiconductors PCA9553TK Datasheet HTML 2Page - NXP Semiconductors PCA9553TK Datasheet HTML 3Page - NXP Semiconductors PCA9553TK Datasheet HTML 4Page - NXP Semiconductors PCA9553TK Datasheet HTML 5Page - NXP Semiconductors PCA9553TK Datasheet HTML 6Page - NXP Semiconductors PCA9553TK Datasheet HTML 7Page - NXP Semiconductors PCA9553TK Datasheet HTML 8Page - NXP Semiconductors PCA9553TK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PCA9553_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 29 December 2008
5 of 26
NXP Semiconductors
PCA9553
4-bit I2C-bus LED driver with programmable blink rates
7.
Functional description
Refer to Figure 1 “Block diagram”.
7.1 Device address
Following a START condition the bus master must output the address of the slave it is
accessing. The address of the PCA9553/01 is shown in Figure 5 and PCA9553/02 in
Figure 6.
PCA9553TK uses the version /01 address.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
7.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9553 which will be stored in the Control register.
The lowest 3 bits are used as a pointer to determine which register will be accessed.
If the Auto-Increment flag is set, the three low order bits of the Control register are
automatically incremented after a read or write. This allows the user to program the
registers sequentially. The contents of these bits will rollover to ‘000’ after the last register
is accessed.
When the Auto-Increment flag is set (AI = 1) and a read sequence is initiated, the
sequence must start by reading a register different from ‘0’ (B2 B1 B0
≠ 0 0 0).
Only the 3 least significant bits are affected by the AI flag.
Unused bits must be programmed with zeroes.
Fig 5.
PCA9553/01 slave address
Fig 6.
PCA9553/02 slave address
R/W
002aad742
1
1
0
0
0
1
0
slave address
R/W
002aad743
1
1
0
0
0
1
1
slave address
Reset state: 00h
Fig 7.
Control register
B0
002aad744
0
0
0
AI
0
B2
B1
register address
Auto-Increment
flag


Similar Part No. - PCA9553TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 NXP-PCA9553 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9553D PHILIPS-PCA9553D Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553D01 PHILIPS-PCA9553D01 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553D02 PHILIPS-PCA9553D02 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
More results

Similar Description - PCA9553TK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com