Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9557PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9557PW
Description  8-bit I2C-bus and SMBus I/O port with reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9557PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9557PW Datasheet HTML 7Page - NXP Semiconductors PCA9557PW Datasheet HTML 8Page - NXP Semiconductors PCA9557PW Datasheet HTML 9Page - NXP Semiconductors PCA9557PW Datasheet HTML 10Page - NXP Semiconductors PCA9557PW Datasheet HTML 11Page - NXP Semiconductors PCA9557PW Datasheet HTML 12Page - NXP Semiconductors PCA9557PW Datasheet HTML 13Page - NXP Semiconductors PCA9557PW Datasheet HTML 14Page - NXP Semiconductors PCA9557PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PCA9557
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 June 2008
11 of 26
NXP Semiconductors
PCA9557
8-bit I2C-bus and SMBus I/O port with reset
8.4 Bus transactions
Data is transmitted to the PCA9557 registers using Write Byte transfers (see Figure 14
and Figure 15). Data is read from the PCA9557 registers using Read and Receive Byte
transfers (see Figure 16 and Figure 17).
Fig 13. Acknowledgement on the I2C-bus
002aaa987
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from master
Fig 14. Write to output port register
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aad281
0000001
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
write to port
data out from port
tv(Q)
acknowledge
from slave
DATA 1 VALID
data to port
0
1
1
A2 A1 A0
0
P
STOP
condition
Fig 15. Write to I/O configuration or polarity inversion registers
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aad282
000001 1/0
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA
A
acknowledge
from slave
data to register
0
1
1
A2 A1 A0
0
P
STOP
condition


Similar Part No. - PCA9557PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9557PW PHILIPS-PCA9557PW Datasheet
127Kb / 16P
   8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
logo
Texas Instruments
PCA9557PW TI-PCA9557PW Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557PW TI-PCA9557PW Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557PWG4 TI-PCA9557PWG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557PWR TI-PCA9557PWR Datasheet
1,015Kb / 34P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
   8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
NXP Semiconductors
PCA9557 PHILIPS-PCA9557 Datasheet
127Kb / 16P
   8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
logo
NXP Semiconductors
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com