Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554ABS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9554ABS
Description  8-bit I2C-bus and SMBus I/O port with interrupt
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554ABS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9554ABS Datasheet HTML 6Page - NXP Semiconductors PCA9554ABS Datasheet HTML 7Page - NXP Semiconductors PCA9554ABS Datasheet HTML 8Page - NXP Semiconductors PCA9554ABS Datasheet HTML 9Page - NXP Semiconductors PCA9554ABS Datasheet HTML 10Page - NXP Semiconductors PCA9554ABS Datasheet HTML 11Page - NXP Semiconductors PCA9554ABS Datasheet HTML 12Page - NXP Semiconductors PCA9554ABS Datasheet HTML 13Page - NXP Semiconductors PCA9554ABS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PCA9554_9554A_7
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 13 November 2006
10 of 30
NXP Semiconductors
PCA9554/PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
6.5 Device address
6.6 Bus transactions
Data is transmitted to the PCA9554/PCA9554A registers using the Write mode as shown
in Figure 12 and Figure 13. Data is read from the PCA9554/PCA9554A registers using
the Read mode as shown in Figure 14 and Figure 15. These devices do not implement an
auto-increment function, so once a command byte has been sent, the register which was
addressed will continue to be accessed by reads until a new command byte has been
sent.
Fig 10. PCA9554 device address
Fig 11. PCA9554A device address
002aac494
0
1
0
0
A2
A1
A0 R/W
fixed
slave address
hardware
selectable
002aac495
0
1
1
1
A2
A1
A0 R/W
fixed
slave address
programmable
Fig 12. Write to Output Port register
1
0
0
A2 A1 A0
0
A
S0
START condition
R/W
acknowledge
from slave
002aac472
A
acknowledge
from slave
SCL
SDA
A
write to port
data out
from port
P
tv(Q)
9
8
7
6
5
4
3
2
1
command byte
acknowledge
from slave
data to port
DATA 1
slave address
0000001
0
STOP
condition
data 1 valid
Fig 13. Write to Configuration register or Polarity Inversion register
1
0
0
A2 A1 A0
0
A
S0
START condition
R/W
acknowledge
from slave
002aac473
A
acknowledge
from slave
SCL
SDA
A
data to
register
P
9
8
7
6
5
4
3
2
1
command byte
acknowledge
from slave
data to register
DATA
slave address
000001 1/0
0
STOP
condition


Similar Part No. - PCA9554ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554ABS PHILIPS-PCA9554ABS Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554ABS NXP-PCA9554ABS Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554ABS,118 NXP-PCA9554ABS,118 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554ABS3 NXP-PCA9554ABS3 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554ABS3,118 NXP-PCA9554ABS3,118 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
More results

Similar Description - PCA9554ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com