Electronic Components Datasheet Search |
|
SLPX392M063C5P3 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics |
|
SLPX392M063C5P3 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics |
5 / 8 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors Catalog Max ESR Max Ripple Nominal Cap Part Number 120 Hz/25°C 120 Hz/85°C Size (DxL) μF 3000 h @ 85 ºC (Ω) (A rms) (mm) 50 Vdc (63 Vdc Surge) 5600 SLPX562M050A7P3 0.083 3.26 22 x 40 5600 SLPX562M050A4P3 0.083 3.43 22 x 45 5600 SLPX562M050C5P3 0.083 3.47 25 x 35 5600 SLPX562M050E3P3 0.083 3.43 30 x 30 6800 SLPX682M050A9P3 0.068 3.94 22 x 50 6800 SLPX682M050C7P3 0.068 3.87 25 x 40 6800 SLPX682M050E5P3 0.068 3.93 30 x 35 8200 SLPX822M050C4P3 0.057 4.44 25 x 45 8200 SLPX822M050E5P3 0.057 4.47 30 x 35 8200 SLPX822M050H3P3 0.057 4.41 35 x 30 10000 SLPX103M050E7P3 0.046 5.08 30 x 40 10000 SLPX103M050H5P3 0.046 4.92 35 x 35 12000 SLPX123M050E9P3 0.039 5.72 30 x 50 12000 SLPX123M050H7P3 0.039 5.69 35 x 40 15000 SLPX153M050H4P3 0.031 6.56 35 x 45 18000 SLPX183M050H9P3 0.026 7.14 35 x 50 22000 SLPX223M050H9P3 0.021 7.89 35 x 50 63 Vdc (79 Vdc Surge) 1800 SLPX182M063A1P3 0.221 1.90 22 x 25 2200 SLPX222M063A3P3 0.181 2.35 22 x 30 2200 SLPX222M063C1P3 0.181 2.30 25 x 25 2700 SLPX272M063A5P3 0.147 2.50 22 x 35 2700 SLPX272M063C3P3 0.147 2.52 25 x 30 3300 SLPX332M063A7P3 0.121 2.72 22 x 40 3300 SLPX332M063C3P3 0.121 2.74 25 x 30 3300 SLPX332M063E1P3 0.121 2.78 30 x 25 3900 SLPX392M063A4P3 0.102 3.09 22 x 45 3900 SLPX392M063C5P3 0.102 3.13 25 x 35 3900 SLPX392M063E3P3 0.102 3.09 30 x 30 4700 SLPX472M063A9P3 0.085 3.69 22 x 50 4700 SLPX472M063C7P3 0.085 3.59 25 x 40 4700 SLPX472M063E3P3 0.085 3.54 30 x 30 5600 SLPX562M063C4P3 0.071 4.01 25 x 45 5600 SLPX562M063E5P3 0.071 4.00 30 x 35 5600 SLPX562M063H3P3 0.071 3.75 35 x 30 6800 SLPX682M063C9P3 0.059 4.52 25 x 50 6800 SLPX682M063E7P3 0.059 4.55 30 x 40 6800 SLPX682M063H3P3 0.059 4.44 35 x 30 8200 SLPX822M063E4P3 0.049 5.12 30 x 45 8200 SLPX822M063H5P3 0.049 5.05 35 x 35 10000 SLPX103M063E9P3 0.040 5.78 30 x 50 10000 SLPX103M063H7P3 0.040 5.75 35 x 40 12000 SLPX123M063E9P3 0.033 6.20 30 x 50 12000 SLPX123M063E9P3 0.033 6.20 30 x 50 12000 SLPX123M063H4P3 0.033 6.47 35 x 45 12000 SLPX123M063H9P3 0.033 6.76 35 x 50 80 Vdc (100 Vdc Surge) 1200 SLPX122M080A1P3 0.276 1.77 22 x 25 1500 SLPX152M080A3P3 0.221 2.01 22 x 30 1800 SLPX182M080A3P3 0.184 2.11 22 x 30 1800 SLPX182M080C1P3 0.184 2.26 25 x 25 2200 SLPX222M080A7P3 0.151 2.53 22 x 40 2200 SLPX222M080C3P3 0.151 2.53 25 x 30 2200 SLPX222M080E1P3 0.151 2.56 30 x 25 2700 SLPX272M080A4P3 0.123 2.93 22 x 45 2700 SLPX272M080C5P3 0.123 2.93 25 x 35 2700 SLPX272M080E3P3 0.123 2.91 30 x 30 3300 SLPX332M080A9P3 0.101 3.23 22 x 50 3300 SLPX332M080C7P3 0.101 3.29 25 x 40 5 |
Similar Part No. - SLPX392M063C5P3 |
|
Similar Description - SLPX392M063C5P3 |