Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8811 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 64Page - NXP Semiconductors PCF8811 Datasheet HTML 65Page - NXP Semiconductors PCF8811 Datasheet HTML 66Page - NXP Semiconductors PCF8811 Datasheet HTML 67Page - NXP Semiconductors PCF8811 Datasheet HTML 68Page - NXP Semiconductors PCF8811 Datasheet HTML 69Page - NXP Semiconductors PCF8811 Datasheet HTML 70Page - NXP Semiconductors PCF8811 Datasheet HTML 71Page - NXP Semiconductors PCF8811 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
68 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
The required minimum value for the external capacitors in an application with the
PCF8811 are:
CVLCD = 1.0 µF to 4.7 µF depending on the application.
CVDD, CVDD1, CVDD2 = 1.0 µF. For these capacitors, higher values can be used.
Fig 49. Application diagram: internal charge pump and two separate supplies (VDD1 and
VDD2)
Fig 50. Application diagram: external high voltage
DISPLAY 80
× 128 pixels
mgw763
VDD2
VDD1
I/O
VSS
CVLCD
CVDD2
CVDD1
PCF8811
mgw764
DISPLAY 80
× 128 pixels
I/O
VLCDIN
PCF8811
VDD
VSS
CVDD


Similar Part No. - PCF8811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8811MU/2DA/1 PHILIPS-PCF8811MU/2DA/1 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811U/2DA/1 PHILIPS-PCF8811U/2DA/1 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
More results

Similar Description - PCF8811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
   65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
   65 x 102 pixels matrix LCD driver
1999 Aug 16
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
   65 X 102 pixels matrix LCD driver
2001 Nov 14
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
   65 x 102 pixels matrix LCD driver
2000 Nov 22
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
   (67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
   Dot Matrix LCD 80-Channel Driver
logo
NXP Semiconductors
PCF8531_1008 NXP-PCF8531_1008 Datasheet
1Mb / 51P
   34 x 128 pixel matrix driver
Rev. 05-10 August 2010
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
   34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com