Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVR005 Datasheet(PDF) 25 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button LVR005 Datasheet HTML 19Page - Tyco Electronics LVR005 Datasheet HTML 20Page - Tyco Electronics LVR005 Datasheet HTML 21Page - Tyco Electronics LVR005 Datasheet HTML 22Page - Tyco Electronics LVR005 Datasheet HTML 23Page - Tyco Electronics LVR005 Datasheet HTML 24Page - Tyco Electronics LVR005 Datasheet HTML 25Page - Tyco Electronics LVR005 Datasheet HTML 26Page - Tyco Electronics LVR005 Datasheet HTML 27Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
13
134
Table R7 - Tape and Reel Specifications for Radial-leaded Devices
RGEF and RHEF devices are available in tape and reel packaging per EIA468–B/IEC60286–2 standards. See Figures R24 and R25 for details.
Dimension
EIA
Description
Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W4
11
Minimum
Top distance between tape edges
W6
3
Maximum
Sprocket hole position
W5
9
-0.5/+0.75
Sprocket hole diameter
D0
4
± 0.2
Abscissa to plane (straight lead) RGEF250 to RGEF1400
H
18.5
± 2.5
Abscissa to plane (kinked lead) RHEF050 to RHEF1500
H0
16.0
± 0.5
Abscissa to top RGEF250 to RGE6F00, RHEF050 to RHEF450
H1
32.2
Maximum
Abscissa to top* RGEF700 to RGEF1400, RHEF600 to RHEF1500
H1
45.0
Maximum
Overall width w/lead protrusion RGEF250 to RGEF600, RHEF050 to RHEF450
C1
43.2
Maximum
Overall width w/lead protrusion RGEF700 to RGEF1400, RHEF600 to RHEF1500
C1
55
Maximum
Overall width w/o lead protrusion RGEF250 to RGEF600, RHEF050 to RHEF450
C2
42.5
Maximum
Overall width w/o lead protrusion RGEF700 to RGEF1400, RHEF600 to RHEF1500
C2
54
Maximum
Lead protrusion
L1
1.0
Maximum
Protrusion of cut-out
L
11
Maximum
Protrusion beyond hold-down tape
I2
Not specified
Sprocket hole pitch
P0
12.7
± 0.3
Device pitch RGEF250 to RGEF700, RHEF050 to RHEF600
25.4
± 0.61
Device pitch RGEF800 to RGEF1400, RHEF650 to RHEF1500
25.4
± 0.6
Pitch tolerance
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness* RGEF250 to RGEF1100, RHEF050 to RHEF1000
t1
2.0
Maximum
Overall tape and lead thickness* RGEF1200 to RGEF1400, RHEF1300, RHEF1500
t1
2.3
Maximum
Splice sprocket hole alignment
0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
Δp0
± 1.3
Ordinate to adjacent component lead RGEF300 to RGEF1100, RHEF400 to RHEF750
P1
3.81
± 0.7
Ordinate to adjacent component lead RGEF1200 to RGEF1400, RHEF1000 to RHEF1500
P1
7.62
± 0.7
Lead spacing* RGEF250 to RGEF1100, RHEF050 to RHEF900
F
5.08
+0.75 /-0.5
Lead spacing* RGEF1200 to RGEF1400, RHEF1000 to RHEF1500
F
10.2
+ 0.75/-0.5
Reel width RGEF250 to RGEF600, RHEF050 to RHEF450
w2
56.0
Maximum
Reel width* RGEF600 to RGEF1400 & RHEF600 to RHEF1500
w2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges less device*
w1
4.75
± 3.25
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
64/372/362
Maximum
Consecutive missing places
None
Empty places per reel
0.1%
Maximum
*Differs from EIA specification.
Figure R24 - EIA Referenced Taped Component Dimensions for Radial-leaded Devices
Cont'd
...
W4
H0
H1
P1
D0
P0
AB
I2
L1
F
Reference plane
Direction of unreeling
Cross section A - B
Δh
Δh
L
t
W5
H1
W
H
Δp
Δp
C2
C1


Similar Part No. - LVR005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005K MACOM-LVR005K Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR005N MACOM-LVR005N Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR005NK MACOM-LVR005NK Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR005NK MACOM-LVR005NK Datasheet
219Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
More results

Similar Description - LVR005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com