Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN2110G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZVN2110G
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN2110G Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZVN2110G Datasheet HTML 1Page - Zetex Semiconductors ZVN2110G Datasheet HTML 2Page - Zetex Semiconductors ZVN2110G Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZVN2110G
SOT223 N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 – OCTOBER 1995
7
FEATURES
*
6A PULSE DRAIN CURRENT
*
FAST SWITCHING SPEED
PARTMARKING DETAIL -
ZVN2110
COMPLEMENTARY TYPE -
ZVP2110G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
100
V
Continuous Drain Current at Tamb=25°C
ID
500
mA
Pulsed Drain Current
IDM
6A
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
CONDITIONS.
Drain-Source Breakdown Voltage
BVDSS
100
V
ID=1mA, VGS=0V
Gate-Source Threshold Voltage
VGS(th)
0.8
2.4
V
I
D
=1mA, VDS= VGS
Gate-Body Leakage
IGSS
0.1
20
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain Current
IDSS
1
100
µA
µA
VDS=100V, VGS=0
VDS=80V, VGS=0V, T=125°C(2)
On-State Drain Current(1)
ID(on)
1.5
2
AVDS=25V, VGS=10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
4
VGS=10V, ID=1A
Forward Transconductance (1)(2)
gfs
250
350
mS
VDS=25V, ID=1A
Input Capacitance (2)
Ciss
59
75
pF
Common Source Output
Capacitance (2)
Coss
16
25
pF
VDS=25 V, VGS=0V, f=1MHz
Reverse Transfer Capacitance (2)
Crss
4
8pF
Turn-On Delay Time (2)(3)
td(on)
4
7ns
VDD ≈25V, ID=1A
Rise Time (2)(3)
tr
4
8ns
Turn-Off Delay Time (2)(3)
td(off)
8
13
ns
Fall Time (2)(3)
tf
8
13
ns
DRAIN-SOURCE DIODE CHARACTERISTICS
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
CONDITIONS.
Diode Forward Voltage (1)
VSD
0.82
VIS=0.32A, VGS=0
Reverse Recovery Time
TRR
112
ns
IF=0.32A, VGS=0, IR=0.1A
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
ZVN2110G
D
D
S
G
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
2
468
10
020
40
60
80
100
Saturation Characteristics
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
VGS-Gate Source Voltage (Volts)
VDS - Drain Source Voltage (Volts)
0
2
4
6810
2.8
2.4
1.6
0.4
0
0.8
2.0
1.2
VDS=10V
0
10
6
2
4
8
0
2
468
10
ID=
1A
500mA
100mA
Normalised RDS(on) and VGS(th) v Temperature
Tj-Junction Temperature (°C)
-40 -20
0
20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-
So
urce
Re
sis
ta
nc
e R
DS(
on
)
Gate Threshold Voltage VGS(TH
)
ID=1 A
VGS=10V
ID=1mA
VGS=VDS
180
0
0.8
0.4
1.2
2.0
1.6
8V
9V
7V
5V
4V
6V
3V
5V
4V
8V
6V
9V
7V
VGS=
0
0.8
0.4
1.2
2.0
1.6
On-resistance v gate-source voltage
VGS-Gate Source Voltage (Volts)
1
10
100
500mA
ID=
1A
100mA
1
10
5
VGS=
10V
3V
10V
VDS=25V
3 - 388
3 - 387


Similar Part No. - ZVN2110G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN2110G DIODES-ZVN2110G Datasheet
54Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
List of Unclassifed Man...
ZVN2110G ETC2-ZVN2110G Datasheet
54Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110GTA ETC2-ZVN2110GTA Datasheet
54Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
VBsemi Electronics Co.,...
ZVN2110GTA VBSEMI-ZVN2110GTA Datasheet
977Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
Diodes Incorporated
ZVN2110G DIODES-ZVN2110G_15 Datasheet
543Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN2110G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com