Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L73 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42L73
Description  Ultra Low Power Mobile Audio and Telephony CODEC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L73 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42L73 Datasheet HTML 1Page - Cirrus Logic CS42L73 Datasheet HTML 2Page - Cirrus Logic CS42L73 Datasheet HTML 3Page - Cirrus Logic CS42L73 Datasheet HTML 4Page - Cirrus Logic CS42L73 Datasheet HTML 5Page - Cirrus Logic CS42L73 Datasheet HTML 6Page - Cirrus Logic CS42L73 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright
 Cirrus Logic, Inc. 2010
(All Rights Reserved)
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
MAY ‘10
DS882PB1
Ultra Low Power Mobile Audio and Telephony CODEC
Product Overview
For the full datasheet, visit
www.cirrus.com/codec-datasheets
/CS42L73-17
Stereo ADC
Dual Analog or Digital MIC Support
Dual MIC Bias Generators
Four DACs Coupled to Five Outputs
Ground-Centered Stereo Headphone Amp.
Ground-Centered Stereo Line Output
Mono Ear Speaker Amplifier
Mono 1 W Speakerphone Amplifier
Mono Speakerphone Line Output for Stereo
Speakerphone Expansion
Three Serial Ports with Asynchronous Sample
Rate Converters
Digital Audio Mixing and Routing
Ultra Low Power Consumption
3.5 mW Quiescent Headphone Playback
Applications
Smart Phones, UMPCs, and MIDs
System Features
Native (no PLL required) Support for 6/12/24
MHz, 13/26 MHz, and 19.2/38.4 MHz Master
Clock Rates in Add. to Typ. Audio Clock Rates
Integrated High-efficiency Power Management
Reduces Power Consumption
Internal LDO Regulator to Reduce Internal
Digital Operating Voltage to VL/2
Step-down Charge Pump Provides Low
Headphone/Line Out Supply Voltage
Inverting Charge Pump Accommodates Low
System Voltage by Providing Negative Rail
for HP and Line Amp
Flexible Speakerphone Amplifier Powering
3.00 V to 5.25 V Range
Independent Cycling
Power Down Management
Individual Controls for ADCs, Dig. MIC
Interface, MIC Bias Generators, Serial Ports,
and Output Amplifiers & Associated DACs
Programmable Thermal Overload Notification
High-speed I²C™ Control Port (400 kHz)
(Features continued on page 2)
CS42L73
`
Line Outputs
Pseudo Diff. Input
-
+
+VCP_FILT
-VCP_FILT
Digital Processing
CS42L73
Decimator,
HPF,
Noise
Gate,
ALC,
Volume,
Mute,
Swap/Mono
Volume, Mute, Limiter
MCLK
Stereo
Multi-bit
 DAC
MCLK
Stereo
Multi-bit
 DAC
LDO
VD_FILT
Headphone Outputs
Pseudo Diff. Input
-
+
+VCP_FILT
-VCP_FILT
Ear Speaker Output
VA
-
+
B
Speakerphone Line
Output (Right)
-
+
VP
B
VP
Speakerphone Output
(Left)
-
+
VP
A
VA
VA
Digital MIC Interface
Digital MIC Interface
VL
MCLK
Stereo
Multi-bit
 ADC
-6 to +12 dB,
0.5 dB steps
-
+
MIC 2
MIC 1
Pseudo Diff. Input
Pseudo Diff. Input
Line Input (Left)
Line Input (Right)
Pseudo Diff. Input
+10 or
+20 dB
-
+
+10 or
+20 dB
-
+
MIC 1 Bias
MIC 2 Bias
MIC Bias
Short Detect
MIC Bias
Audio Serial Port
Voice Serial Port
Auxiliary Serial Port
Audio
Serial Port
SDOUT
SDIN
ASRC
ASRC
Voice
Serial Port
SDOUT
ASRC
Auxiliary
Serial Port
SDIN
ASRC
SDOUT
ASRC
SDIN
ASRC
-VCP_FILT
Inverting
Step-Down
VCP +VCP_FILT
+VCP_FILT
-VCP_FILT
MCLK
MCLK1
MCLK2
Control Port
Control Port
VP
VD_FILT
Digital Mixer
Volume, Mute, Limiter
MIC2_SDET
+
Audio Serial Port
Voice Serial Port
Auxiliary Serial Port
MIC/Line Input Path


Similar Part No. - CS42L73

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L42 CIRRUS-CS42L42 Datasheet
3Mb / 184P
   Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZ CIRRUS-CS42L42-CNZ Datasheet
3Mb / 184P
   Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZR CIRRUS-CS42L42-CNZR Datasheet
3Mb / 184P
   Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CWZR CIRRUS-CS42L42-CWZR Datasheet
3Mb / 184P
   Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
More results

Similar Description - CS42L73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105 TI-TLV320AIC3105_15 Datasheet
1Mb / 103P
[Old version datasheet]   TLV320AIC3105 Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Realtek Semiconductor C...
ALC5616 REALTEK-ALC5616 Datasheet
1Mb / 104P
   Ultra-Low Power Audio CODEC for Mobile Devices
logo
Texas Instruments
TLV320AIC3104 TI-TLV320AIC3104_15 Datasheet
1Mb / 95P
[Old version datasheet]   TLV320AIC3104 Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Burr-Brown (TI)
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com