Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD030F Datasheet(PDF) 11 Page - Tyco Electronics

Part # SMD030F
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD030F Datasheet(HTML) 11 Page - Tyco Electronics

Back Button SMD030F Datasheet HTML 7Page - Tyco Electronics SMD030F Datasheet HTML 8Page - Tyco Electronics SMD030F Datasheet HTML 9Page - Tyco Electronics SMD030F Datasheet HTML 10Page - Tyco Electronics SMD030F Datasheet HTML 11Page - Tyco Electronics SMD030F Datasheet HTML 12Page - Tyco Electronics SMD030F Datasheet HTML 13Page - Tyco Electronics SMD030F Datasheet HTML 14Page - Tyco Electronics SMD030F Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
141
15
RoHS Compliant, ELV Compliant
Fault Current (A)
100
10
1
0.1
0.01
0.001
10
0.1
1
100
A
A
B
C
D
E
BCDE
Figure S13
SMD2xxxF
A=
SMD150F, SMD150F/33
B=
SMDH160
C=
SMD185F
D=
SMD200F
E=
SMD250F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
10
100
B
B
A
A
C
C
D
D
E
E
F
G
H
FG
H
Figure S12
SMDxxxF
A= SMD030F
B= SMD050F
C= SMD075F, SMD075F/60
D= SMDH120
E= SMD100F, SMD100F/33
F= SMD125F
G= SMD260F
H= SMD300F
Typical Time-to-trip Curves at 20°C for Surface-mount Devices
... Cont’d
Figure S7-S13
Physical Characteristics and Environmental Specifications for Surface-mount Devices
Operating temperature range -40°C to 85°C, -40°C to 125°C for SMDH120 and SMDH160
Table S5
Physical Characteristics
Terminal pad material
100% matte tin with nickel underplate; gold with nickel underplate for picoSMD
Soldering characteristics
ANSI/J-STD-002 Category 3 for picoSMD, nanoSMD, microSMD and miniSMD series
ANSI/J-STD-002 Category 1 for SMD series
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Section 5, Method 1A
Flammability resistance
per IEC 695-2-2 Needle Flame Test for 20 sec.
Recommended storage conditions 40°C max, 70% R.H. max; devices may not meet specified ratings if storage conditions are exceeded.
Environmental Specifications
Test
Test Method
Conditions
Resistance Change
Storage life
Raychem PS300, Section 5.3.2
60°C, 1000 hours
±3% typical
85°C, 1000 hours
±5% typical
Humidity aging
Raychem PS300, Section 5.3.1
85°C, 85% RH, 100 hours
±1.2% typical
Thermal shock
MIL-STD-202, Method 107G
85°C, -40°C (20 times)
-33% typical
125°C, -55°C (10 times)
-33% typical
Vibration
MIL-STD-883C
per MIL-STD-883C
No change
Solvent resistance
Raychem PS300, Section 5.2.2
Freon
No change
Trichloroethane
No change
Hydrocarbons
No change


Similar Part No. - SMD030F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD030F MACOM-SMD030F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD030F MACOM-SMD030F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices
logo
Littelfuse
SMD030F LITTELFUSE-SMD030F Datasheet
97Kb / 2P
   PolySwitch PTC Devices
logo
Tyco Electronics
SMD030F-2018 MACOM-SMD030F-2018 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - SMD030F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com