Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT600-2000 Datasheet(PDF) 8 Page - Tyco Electronics

Part # FT600-2000
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FT600-2000 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button FT600-2000 Datasheet HTML 4Page - Tyco Electronics FT600-2000 Datasheet HTML 5Page - Tyco Electronics FT600-2000 Datasheet HTML 6Page - Tyco Electronics FT600-2000 Datasheet HTML 7Page - Tyco Electronics FT600-2000 Datasheet HTML 8Page - Tyco Electronics FT600-2000 Datasheet HTML 9Page - Tyco Electronics FT600-2000 Datasheet HTML 10Page - Tyco Electronics FT600-2000 Datasheet HTML 11Page - Tyco Electronics FT600-2000 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
194
RoHS Compliant, ELV Compliant
10
Notes:
IH
: Hold current: maximum current device will pass without interruption in 20°C still air.
IT
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
VMAX Operating : Maximum continuous voltage device can withstand without damage at rated current. This voltage is used for component recognition under UL1434.
VMAX Interrupt : Maximum voltage that can be safely placed across a device in its tripped state. Devices have been designed to trip safely under higher level power cross conditions
to assist equipment in meeting the appropriate ITU, UL60950, or GR1089 industry requirements.
IMAX Interrupt
: Maximum fault current device can withstand without damage at rated operating voltage. This current is used for component recognition under UL1434.
Devices have been designed to trip safely under higher level power cross conditions to assist equipment in meeting the appropriate ITU, UL60950, or GR1089
industry requirements.
PD
: Power dissipated from device when in the tripped state in 20°C still air.
RMIN
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
RMAX
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
R1MAX
: Maximum resistance measured one hour post-trip or post-reflow at 20°C.
*
250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
Surface-mount— 600VAC
TS600/TSM600
TS600-170F
0.170
0.400
60
600
3.0
2.5
1.0
10.0
4.0
9.0
18.0
TS600-200F-RA-B-0.5 0.200
0.400
60
600
3.0
2.5
1.0
12.0
4.0
7.5
13.5
TS600-400F
0.400
1.000
60
600
3.0
2.0
3.0
5.0
0.5
1.5
2.0
TSM600-250F
0.250
0.860
250
600
3.0
2.0
3.0
0.8
1.0
3.5
7.0
TSM600-250F-RA
0.250
0.860
250
600
3.0
2.0
3.0
1.0
1.0
3.0
5.0
TSM600-400F
0.400
1.000
250
600
3.0
2.0
3.0
5.0
0.5
1.5
2.0
Part
Number
IH
(A)
IT
(A)
PDTyp
(W)
Typical Time-to-trip
(A)
(s)
RMIN
(
Ω)
R1MAX
(
Ω)
RMAX
(
Ω)
Operating
(VDC)
Interrupt
(VRMS)
IMAX*
Interrupt
(A)
VMAX
Warning :
• Users should independently evaluate the suitability of and test each product selected for their own application.
• Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame.
• These devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should
not be used when repeated fault conditions or prolonged trip events are anticipated.
• Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices.
• Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, and
mechanical procedures for electronic components.
• PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are inhibited,
for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion.
• Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of the device.
C
B
D
A
E
C to
L
C
L
Figure T2
C
B
D
A
E
C to
L
C
L
Figure T3
B
A
C
Figure T4
Table T3 Electrical Characteristics for Telecommunications and Networking Devices
Cont’d
Figure T2-T13 Dimension Figures for Telecommunications and Networking Devices


Similar Part No. - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600-2000 MACOM-FT600-2000 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
FT600-2000 MACOM-FT600-2000 Datasheet
51Kb / 2P
   Telecom Fuse
FT600-2000-2 MACOM-FT600-2000-2 Datasheet
132Kb / 2P
   New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT600-2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com