Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD300F Datasheet(PDF) 10 Page - Tyco Electronics

Part # SMD300F
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD300F Datasheet(HTML) 10 Page - Tyco Electronics

Back Button SMD300F Datasheet HTML 6Page - Tyco Electronics SMD300F Datasheet HTML 7Page - Tyco Electronics SMD300F Datasheet HTML 8Page - Tyco Electronics SMD300F Datasheet HTML 9Page - Tyco Electronics SMD300F Datasheet HTML 10Page - Tyco Electronics SMD300F Datasheet HTML 11Page - Tyco Electronics SMD300F Datasheet HTML 12Page - Tyco Electronics SMD300F Datasheet HTML 13Page - Tyco Electronics SMD300F Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
140
15
RoHS Compliant, ELV Compliant
Typical Time-to-trip Curves at 20°C for Surface-mount Devices
... Cont’d
Figure S7-S13
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
100
10
B
B
A
A
C
C
D
D
E
E
Figure S11
midSMD
A= SMD030F-2018
B= decaSMDC050F/60
C= SMD100F-2018
D= SMD150F-2018
E= SMD200F-2018
Fault Current (A)
100
10
1
0.1
0.01
0.001
10
0.1
1
100
A
A
B
C
D
E
F
G
I
J
K
BC D
E F G
H
H
IJK
Figure S10
miniSMDCxxxF and miniSMDExxxF
A= miniSMDC014F
B= miniSMDC020F
C= miniSMDC050F
D= miniSMDC075F, miniSMDC075F/24
E= miniSMDC100F, miniSMDC110F,
miniSMDC110F/16, miniSMDC110F/24
F= miniSMDC125F, miniSMDC125F/16
G= miniSMDC150F, miniSMDC150F/12,
miniSMDC150F/16, miniSMDC150F/24
H= miniSMDC160F
I= miniSMDC200F, miniSMDC200S
J= miniSMDE190F
K= miniSMDC260F, miniSMDC260F/12,
miniSMDC260F/13.2,
miniSMDC260F/16
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
10
100
A
A
B
B
C
CD E
F
G
H
I
D
E F
G
H I
Figure S9
microSMDxxxF
A=
microSMD005F
B=
microSMD010F
C=
microSMD035F
D=
microSMD050F
E=
microSMD075F
F=
microSMD110F
G=
microSMD150F
H=
microSMD175F
I=
microSMD200F


Similar Part No. - SMD300F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD300F MACOM-SMD300F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD300F MACOM-SMD300F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD300F MACOM-SMD300F Datasheet
33Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
logo
Littelfuse
SMD300F LITTELFUSE-SMD300F Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SMD300F-15 LITTELFUSE-SMD300F-15 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMD300F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com