Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD185F Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMD185F
Description  PolySwitch짰 PTC Devices
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD185F Datasheet(HTML) 1 Page - Tyco Electronics

  SMD185F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: SMD185F
DOCUMENT: SCD 25659
PCN: 748040
REV LETTER: C
REV DATE: MARCH 28, 2005
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Ratings
Voltage: 33VDC MAX
Current
: 40A MAX
Marking:
Notes:
1. All metal surfaces are tin plated.
2. Devices cannot be wave soldered.
3. Drawing not to scale.
F
G
B
C
E
A
H
D
TABLE I. DIMENSIONS:
A
B
C
D
E
F
G
H
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
8.0
9.4
--
3.0
5.99
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
in*: (0.315) (0.370)
--
(0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
SECONDS AT
20°C, 8.0A
OHMS
AT 20°C
WATTS AT
20°C
HOLD
TRIP
HOLD
TRIP
HOLD
TRIP
MAX
MIN
MAX*
MAX
2.20
4.40
1.85
3.60
1.31
2.62
5.0
0.065
0.165
1.5
* Maximum resistance is measured 24 hours after reflow.
** Values were determined using PCB’s with 70 mil X 2 ounce copper traces.
Agency Recognition:
UL, CSA, TÜV
Reference Documents:
PS300, E.N. SMD 1.0x
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2005 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - SMD185F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD185F MACOM-SMD185F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD185F MACOM-SMD185F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
SMD185F MACOM-SMD185F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD185F MACOM-SMD185F Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
SMD185F LITTELFUSE-SMD185F Datasheet
326Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMD185F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF1100 MACOM-AGRF1100 Datasheet
101Kb / 2P
   PolySwitch짰 PTC Devices
LR4-260F MACOM-LR4-260F Datasheet
107Kb / 1P
   PolySwitch짰 PTC Devices
MINISMDC075 MACOM-MINISMDC075 Datasheet
54Kb / 1P
   PolySwitch짰 PTC Devices
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
   PolySwitch짰 PTC Devices
RHEF400 MACOM-RHEF400 Datasheet
87Kb / 1P
   PolySwitch짰 PTC Devices
RTEF120 MACOM-RTEF120 Datasheet
103Kb / 1P
   PolySwitch짰 PTC Devices
SMD030 MACOM-SMD030 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
SMD125 MACOM-SMD125 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
MICROSMD075F MACOM-MICROSMD075F Datasheet
33Kb / 1P
   PolySwitch짰 PTC Devices
RGEF1200 MACOM-RGEF1200 Datasheet
101Kb / 1P
   PolySwitch짰 PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com