Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN3306F Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVN3306F
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN3306F Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVN3306F Datasheet HTML 1Page - Zetex Semiconductors ZVN3306F Datasheet HTML 2Page - Zetex Semiconductors ZVN3306F Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPICAL CHARACTERISTICS
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
Saturation Characteristics
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
ID=
1A
0.5A
0.25A
VGS -Gate Source Voltage (Volts)
0.6
0
0.2
0.4
0.8
02
4
6
8
10
1.0
VGS=10V
5V
7V
8V
6V
4V
3V
9V
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0 20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Dr
ai
n-S
ou
rc
e R
es
ista
nc
e
RD
S(
on
)
Gate Threshold Vo
ltage VGS
(th)
ID=-0.5A
T-Temperature (C°)
0.4
-80 -60
0.6
0
0.2
0.4
0.8
02
4
6
8
10
1.0
6
0
2
4
8
02
4
6
8
10
10
On-resistance vs gate-source voltage
VGS-Gate Source Voltage (Volts)
110
20
1
10
5
Transconductance v drain current
ID(on) - Drain Current (Amps)
0
0.1 0.2
0.3
0.4
0.5
0.6
0.7 0.8
0.9
1.0
0
VDS=18V
60
40
20
80
160
140
120
100
180
200
VDS=10V
ID=
1A
0.5A
0.25A
ZVN3306F
3 - 394


Similar Part No. - ZVN3306F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN3306F DIODES-ZVN3306F Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3306FTA DIODES-ZVN3306FTA Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
VBsemi Electronics Co.,...
ZVN3306FTA VBSEMI-ZVN3306FTA Datasheet
1,004Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
ZVN3306F DIODES-ZVN3306F_15 Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN3306F

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com