Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS600 Datasheet(PDF) 10 Page - Tyco Electronics

Part # TS600
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TS600 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button TS600 Datasheet HTML 6Page - Tyco Electronics TS600 Datasheet HTML 7Page - Tyco Electronics TS600 Datasheet HTML 8Page - Tyco Electronics TS600 Datasheet HTML 9Page - Tyco Electronics TS600 Datasheet HTML 10Page - Tyco Electronics TS600 Datasheet HTML 11Page - Tyco Electronics TS600 Datasheet HTML 12Page - Tyco Electronics TS600 Datasheet HTML 13Page - Tyco Electronics TS600 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
196
RoHS Compliant, ELV Compliant
10
TCF
250V*
TCF250-100T
4.6
4.9
4.6
4.9
2.0
2.3
——
——
T4
(0.18)
(0.19)
(0.18)
(0.19)
(0.08)
(0.09)
TCF250-120T
5.4
5.6
5.4
5.6
2.0
2.3
——
——
T4
(0.21)
(0.22)
(0.21)
(0.22)
(0.08)
(0.09)
TCF250-145T
5.4
5.6
5.4
5.6
2.0
2.5
——
——
T4
(0.21)
(0.22)
(0.21)
(0.22)
(0.08)
(0.10)
TCF250-180
6.9
7.1
6.9
7.1
1.3
1.6
——
——
T4
(0.27)
(0.28)
(0.27)
(0.28)
(0.05)
(0.06)
TRF250
250V*
TRF250-055UT
4.8
9.3
3.8
4.7
5.0
——
T2
(0.19)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-080T
5.8
9.9
4.6
4.7
5.0
——
T2
(0.23)
(0.39)
(0.18)
(0.19)
(0.20)
TRF250-080U
4.8
9.3
3.8
4.7
5.0
——
T11
(0.19)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-110U
5.3
9.4
3.8
4.7
5.0
——
T11
(0.21)
(0.37)
(0.15)
(0.19)
(0.20)
TRF250-120
6.5
11.0
4.6
4.7
5.0
——
T3
(0.26)
(0.43)
(0.18)
(0.19)
(0.20)
TRF250-120U
6.0
10.0
3.8
4.7
5.0
——
T10
(0.24)
(0.39)
(0.15)
(0.19)
(0.20)
TRF250-145
6.5
11.0
4.6
4.7
5.0
——
T3
(0.26)
(0.43)
(0.18)
(0.19)
(0.20)
TRF250-145U
6.0
10.0
3.8
4.7
5.0
——
T10
(0.24)
(0.39)
(0.15)
(0.19)
(0.20)
TRF250-183
7.5
10.5
4.1
4.7
5.0
——
T2
(0.29)
(0.41)
(0.16)
(0.19)
(0.20)
TRF250-184
7.7
10.5
4.6
4.7
5.0
——
T12
(0.30)
(0.41)
(0.18)
(0.19)
(0.20)
TS250/TSL250/TSV250
250V*
TSL250-080F
6.7
7.9
2.7
3.7
4.8
5.3
0.2
0.4
2.5
3.1
——
T7
(0.27)
(0.31)
(0.11)
(0.15)
(0.19)
(0.21)
(0.01)
(0.02)
(0.10) (0.12)
TS250-130F
8.5
9.4
3.4
7.4
0.3
3.8
——
T5
(0.34)
(0.37)
(0.14)
(0.29)
(0.01)
(0.15)
TSV250-130F
6.1
6.9
3.2
0.56
——
1.9
1.6
2.3
——
T6
(0.24)
(0.27)
(0.13)
(0.02)
(0.08)
(0.07)
(0.09)
TRF600
600V
TRF600-150
9.0
12.5
4.6
4.7
5.0
——
9.0
——
T3
(0.35)
(0.49)
(0.18)
(0.19)
(0.20)
(0.35)
TR600-150F-EX
13.5
12.6
6.0
4.7
5.0
——
T3
(0.53)
(0.50)
(0.18)
(0.19)
(0.20)
TR600-150F-EX-RA-B-0.5
13.5
12.6
6.0
4.7
5.0
——
T3
(0.53)
(0.50)
(0.18)
(0.19)
(0.20)
TRF600-160
16.0
12.6
6.0
4.7
5.0
——
10.0
——
T3
(0.63)
(0.50)
(0.24)
(0.19)
(0.20)
(0.39)
TRF600-400
14.8
13.1
4.6
4.7
5.0
——
T13
(0.58)
(0.52)
(0.18)
(0.19)
(0.20)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
NEW
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
‡ Indicates dimension is typical, not minimum.
NEW
NEW
Table T4 Dimensions for Telecommunications and Networking Devices in Millimeters (Inches)


Similar Part No. - TS600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS600-170 MACOM-TS600-170 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TS600-170 ETC2-TS600-170 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TS600-170F MACOM-TS600-170F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
TS600-170F MACOM-TS600-170F Datasheet
87Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
TS600-200-RA ETC2-TS600-200-RA Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
More results

Similar Description - TS600

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
TR600-150QF-EX-B-0.5 MACOM-TR600-150QF-EX-B-0.5 Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com