Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4424C Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVN4424C
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4424C Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVN4424C Datasheet HTML 1Page - Zetex Semiconductors ZVN4424C Datasheet HTML 2Page - Zetex Semiconductors ZVN4424C Datasheet HTML 3Page - Zetex Semiconductors ZVN4424C Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZVN4424A/C
ZVN4424A/C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP
MAX. UNIT
CONDITIONS.
Drain-Source
Breakdown Voltage
BVDSS
240
V
ID=1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
0.81.3
1.8V
ID=1mA, VDS= VGS
Gate-Body Leakage
IGSS
100
nA
VGS=± 40V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
10
100
µA
µA
VDS=240 V, VGS=0
VDS=190 V,
VGS=0V, T=125°C
On-State Drain Current
ID(on)
0.8
1.4
A
VDS=10 V, VGS=10V
Static Drain-Source
On-State Resistance
RDS(on)
4
4.3
5.5
6
VGS=10V,ID=500mA
VGS=2.5V,ID=100mA
Forward
Transconductance (1) (2)
gfs
0.4
0.75
S
VDS=10V,ID=0.5A
Input Capacitance (2)
Ciss
110
200
pF
VDS=25V, VGS=0V, f=1MHz
Common Source Output
Capacitance (2)
Coss
15
25
pF
Reverse Transfer
Capacitance (2)
Crss
3.5
15
pF
Turn-On Delay Time
(2)(3)
td(on)
2.5
5
ns
VDD ≈50V, ID =0.25A,
VGEN=10V
Rise Time (2)(3)
tr
58
ns
Turn-Off Delay Time
(2)(3)
td(off)
40
60
ns
Fall Time (2)(3)
tf
16
25
ns
(1)*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
(2)Sample Test
(3) Switching times measured with 50
Ω source impedance and >5ns rise time on pulse generator


Similar Part No. - ZVN4424C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4424A DIODES-ZVN4424A Datasheet
773Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424A DIODES-ZVN4424A_15 Datasheet
773Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
ZVN4424G ZETEX-ZVN4424G Datasheet
43Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4424G DIODES-ZVN4424G Datasheet
344Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424G DIODES-ZVN4424G Datasheet
727Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
March 2015
More results

Similar Description - ZVN4424C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com