Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4525GTC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVN4525GTC
Description  250V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4525GTC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVN4525GTC Datasheet HTML 1Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 2Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 3Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 4Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 5Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 6Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 7Page - Zetex Semiconductors ZVN4525GTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISSUE 1 - MARCH 2001
ZVN4525G
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
V
DSS
250
V
Gate Source Voltage
V
GS
±40
V
Continuous Drain Current (V
GS=10V; TA=25°C)(a)
(V
GS=10V; TA=70°C)(a)
I
D
I
D
310
248
mA
mA
Pulsed Drain Current (c)
I
DM
1.44
A
Continuous Source Current (Body Diode)
I
S
1.1
A
Pulsed Source Current (Body Diode)
I
SM
1.44
A
Power Dissipation at T
A=25°C (a)
Linear Derating Factor
P
D
2
16
W
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
63
°C/W
Junction to Ambient (b)
RθJA
26
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal
NB High Voltage Applications
For high voltage applications, the appropriate industry sector guidelines should be considered with regard to
voltage spacing between conductors.


Similar Part No. - ZVN4525GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4525GTC DIODES-ZVN4525GTC Datasheet
419Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525GTC DIODES-ZVN4525GTC Datasheet
295Kb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVN4525GTC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525Z KEXIN-KVN4525Z Datasheet
55Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com