Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMD4
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD4 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMD4 Datasheet HTML 1Page - NXP Semiconductors PEMD4 Datasheet HTML 2Page - NXP Semiconductors PEMD4 Datasheet HTML 3Page - NXP Semiconductors PEMD4 Datasheet HTML 4Page - NXP Semiconductors PEMD4 Datasheet HTML 5Page - NXP Semiconductors PEMD4 Datasheet HTML 6Page - NXP Semiconductors PEMD4 Datasheet HTML 7Page - NXP Semiconductors PEMD4 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 Oct 10
4
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = open
PEMD4; PUMD4
THERMAL CHARACTERISTICS
Notes
1.
Device mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
2.
Reflow soldering is the only recommended soldering method.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per transistor
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
625
K/W
SOT666
notes 1 and 2
625
K/W
Per device
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
416
K/W
SOT666
notes 1 and 2
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0
1
μA
VCE = 30 V; IB = 0; Tj = 150 °C
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
100
nA
hFE
DC current gain
VCE = 5 V; IC = 1 mA
200
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
150
mV
R1
input resistor
7
10
13
k
Ω
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
TR1 (NPN)
2.5
pF
TR2 (PNP)
3
pF


Similar Part No. - PEMD4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD4 NEXPERIA-PEMD4 Datasheet
342Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
   NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48 Datasheet
242Kb / 13P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
29 December 2022
PEMD48 NEXPERIA-PEMD48 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results

Similar Description - PEMD4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD4_PUMD4 PHILIPS-PEMD4_PUMD4_15 Datasheet
138Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
PEMB4 NXP-PEMB4 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 15
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
PEMH4_PUMH4 PHILIPS-PEMH4_PUMH4_15 Datasheet
138Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
PEMD3 NXP-PEMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com