Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD14 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PEMD14
Description  NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD14 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PEMD14 Datasheet HTML 3Page - NXP Semiconductors PEMD14 Datasheet HTML 4Page - NXP Semiconductors PEMD14 Datasheet HTML 5Page - NXP Semiconductors PEMD14 Datasheet HTML 6Page - NXP Semiconductors PEMD14 Datasheet HTML 7Page - NXP Semiconductors PEMD14 Datasheet HTML 8Page - NXP Semiconductors PEMD14 Datasheet HTML 9Page - NXP Semiconductors PEMD14 Datasheet HTML 10Page - NXP Semiconductors PEMD14 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PEMD14_PUMD14_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2009
7 of 11
NXP Semiconductors
PEMD14; PUMD14
NPN/PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
Fig 6.
Package outline SOT666
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-08
06-03-16
IEC
JEDEC
JEITA
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface-mounted package; 6 leads
SOT666
YS
w M A


Similar Part No. - PEMD14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD14 NEXPERIA-PEMD14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
logo
NXP Semiconductors
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
More results

Similar Description - PEMD14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
PEMB14 NXP-PEMB14 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009
logo
Nexperia B.V. All right...
PEMB14 NEXPERIA-PEMB14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
logo
NXP Semiconductors
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PEMH14 PHILIPS-PEMH14 Datasheet
49Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
Rev. 02-29 April 2005
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com