Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD15 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMD15
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD15 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMD15 Datasheet HTML 1Page - NXP Semiconductors PEMD15 Datasheet HTML 2Page - NXP Semiconductors PEMD15 Datasheet HTML 3Page - NXP Semiconductors PEMD15 Datasheet HTML 4Page - NXP Semiconductors PEMD15 Datasheet HTML 5Page - NXP Semiconductors PEMD15 Datasheet HTML 6Page - NXP Semiconductors PEMD15 Datasheet HTML 7Page - NXP Semiconductors PEMD15 Datasheet HTML 8Page - NXP Semiconductors PEMD15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PEMD15_PUMD15_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 September 2009
3 of 10
NXP Semiconductors
PEMD15; PUMD15
NPN/PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 4.7 kΩ
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage TR1
positive
-
+30
V
negative
-
−10
V
input voltage TR2
positive
-
+10
V
negative
-
−30
V
IO
output current (DC)
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
200
mW
SOT666
[1][2] -
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
300
mW
SOT666
[1][2] -
300
mW


Similar Part No. - PEMD15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15 Datasheet
916Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PEMD15 NEXPERIA-PEMD15 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
More results

Similar Description - PEMD15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
   PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com