Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVNL535A Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZVNL535A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVNL535A Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZVNL535A Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – MARCH 94
FEATURES
*
350 Volt V
DS
*R
DS(on)=40Ω
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
350
V
Continuous Drain Current at Tamb=25°C
ID
90
mA
Pulsed Drain Current
IDM
800
mA
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
700
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX. UNIT CONDITIONS.
Drain-Source
Breakdown Voltage
BVDSS
350
V
ID=1mA, VGS=0V
Gate-Source
Threshold Voltage
VGS(th)
0.5
1.5
V
ID=1mA, VDS= VGS
Gate-Body Leakage
IGSS
100
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage
Drain Current
IDSS
50
400
µA
µA
VDS=350 V, VGS=0
VDS=280 V, VGS=0V,
T=125°C(2)
On-State Drain Current(1)
ID(on)
200
mA
VDS=25 V, VGS=5V
Static Drain-Source On-State
Resistance (1)
RDS(on)
40
40
VGS=5V,ID=100mA
VGS=3V,ID=50mA
Forward Transconductance
(1)(2)
gfs
100
mS
VDS=25V,ID=100mA
Input Capacitance (2)
Ciss
70
pF
Common Source Output
Capacitance (2)
Coss
10
pF
VDS=25 V, VGS=0V, f=1MHz
Reverse Transfer Capacitance
(2)
Crss
4pF
Turn-On Delay Time (2)(3)
td(on)
7ns
VDD ≈25V, ID=100mA
Rise Time (2)(3)
tr
7ns
Turn-Off Delay Time (2)(3)
td(off)
16
ns
Fall Time (2)(3)
tf
10
ns
(
1
)
Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2%
E-Line
TO92 Compatible
ZVNL535A
3-405
D
G
S


Similar Part No. - ZVNL535A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVNL535A DIODES-ZVNL535A Datasheet
28Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVNL535A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com