Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1CAN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1CAN Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD1CAN_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 15 February 2008
4 of 12
NXP Semiconductors
PESD1CAN
CAN bus ESD protection diode
6.
Characteristics
[1]
∆C
d is the difference of the capacitance measured between pin 1 and pin 3 and the capacitance measured
between pin 2 and pin 3.
[2]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[3]
Measured from pin 1 to 3 or 2 to 3.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
24
V
IRM
reverse leakage current
VRWM =24V
-
< 1
50
nA
VBR
breakdown voltage
IR = 5 mA
25.4
27.8
30.3
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
1117pF
∆Cd/Cd
diode capacitance
matching
[1]
f = 1 MHz; VR =0V
-
0.1
-
%
f = 1 MHz; VR = 2.5 V
-
0.1
-
%
VCL
clamping voltage
[2][3]
IPP = 1 A
--40
V
IPP = 3 A
--70
V
rdif
differential resistance
IR = 1 mA
-
-
300


Similar Part No. - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
84Kb / 12P
   CAN bus ESD protection diode in SOT23
Rev. 01-25 January 2005
PESD1CAN PHILIPS-PESD1CAN Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
   CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
More results

Similar Description - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
   Can bus Esd Protection Diode
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
   CAN BUS ESD PROTECTION DIODE
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
   CAN BUS ESD PROTECTION DIODE
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
   CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
   Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
logo
Diodes Incorporated
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
   CAN BUS ESD PROTECTION DIODE
DESD2IVN27V3WQ DIODES-DESD2IVN27V3WQ Datasheet
604Kb / 5P
   CAN BUS ESD PROTECTION DIODE
March 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
   CAN bus ESD protection diode
Rev. 04 - 15 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com