Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19418-0016 Datasheet(PDF) 5 Page - MolexKits

Part # 19418-0016
Description  Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19418-0016 Datasheet(HTML) 5 Page - MolexKits

  19418-0016 Datasheet HTML 1Page - MolexKits 19418-0016 Datasheet HTML 2Page - MolexKits 19418-0016 Datasheet HTML 3Page - MolexKits 19418-0016 Datasheet HTML 4Page - MolexKits 19418-0016 Datasheet HTML 5Page - MolexKits 19418-0016 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0151
19418-0016
2
19419-0008
2
19418-0018
1
19419-0005
1
19418-0020
1
19419-0012
1
50147-8100
25
50148-8100
25
52213-0211
3
52266-0211
3
52213-0311
2
52266-0311
2
33011-0004-C
25
33001-3004-C
25
33471-0301
2
Molex Part No.
Quantity in Kit
33481-0301
2
33471-0401
2
33481-0401
2
33471-0601
1
33481-0601
1
China
China
China
China
3.5mm (.138") MX150™ Receptacle 1X4 Circuit,Black,
Polarization A
3.5mm (.138") MX150™ Plug 1X6 Circuit,Black, Polarization
A
Male (Mini) Splash Proof Crimp Terminals 22-20 AWG
Female (Mini) Splash Proof Crimp Terminals 22-20 AWG
2.50mm (.098") Pitch (Mini) Splash Proof Receptacle, 2
Circuit Version
2.50mm (.098") Pitch (Mini) Splash Proof Plug, 2 Circuit
Version
Japan
Japan
3.5mm (.138") MX150™ Plug 1X4 Circuit,Black, Polarization
A
3.5mm (.138") MX150™ Receptacle 1X6 Circuit,Black,
Polarization A
China
3.5mm (.138") MX150™ Receptacle 1X3 Circuit, Black,
Polarization A
3.5mm (.138") MX150™ Plug 1X3 Circuit, Black, Polarization
A
USA
USA
China
2.50mm (.098") Pitch (Mini) Splash Proof Receptacle, 3
Circuit
2.50mm (.098") Pitch (Mini) Splash Proof Plug, 3 Circuit
Japan
Japan
Japan
Japan
MX150™ Male Terminal, Gold (Au) Plating, 20-16 AWG
MX150™ Female Terminal, Gold (Au) Plating, 20-18 AWG
5.84mm (.230") Pitch MX150L™ 6 Circuit Plug Assembly 22-
18 AWG
Taiwan
Taiwan
Taiwan
Taiwan
Taiwan
5.84mm (.230") Pitch MX150L™ 2 Circuit Plug Assembly 22-
18 AWG (Red Seal)
5.84mm (.230") Pitch MX150L™ 4 Circuit Receptacle
Assembly 22-18 AWG (Red Seal)
5.84mm (.230") Pitch MX150L™ 4 Circuit Plug Assembly 22-
18 AWG
5.84mm (.230") Pitch MX150L™ 6 Circuit Receptacle
Assembly 22-18 AWG (Red Seal)
Recommended Molex Tool(s) for Part No. 76650-0151*
Taiwan
5.84mm (.230") Pitch MX150L™ 2 Circuit Receptacle 22-18
AWG (Red Seal)
Country
of Origin
Description
Bill of Materials for Part No. 76650-0151 continued
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 6


Similar Part No. - 19418-0016

ManufacturerPart #DatasheetDescription
logo
MolexKits
19418-0016 MOLEXKITS-19418-0016 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
logo
Molex Electronics Ltd.
19418-0016 MOLEX11-19418-0016 Datasheet
46Kb / 2P
   MX150L??2 Circuit Receptacle for 18-22 AWG Wire, without CPA
More results

Similar Description - 19418-0016

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
719515999010808 AVX-719515999010808 Datasheet
60Kb / 2P
   Automotive Splashproof Connectors
logo
Nihon Kaiheiki Industry...
SPLASHPROOF NKK-SPLASHPROOF Datasheet
2Mb / 4P
   Splashproof/Sealed SmartSwitches
logo
Littelfuse
01520004Z LITTELFUSE-01520004Z Datasheet
89Kb / 1P
   MAXI??Fuse Splashproof Fuseholder
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
   INLINE SPLASHPROOF FUSE HOLDER
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
   Pushbutton Switches, Splashproof Boot Seals
logo
Littelfuse
298907-030 LITTELFUSE-298907-030 Datasheet
140Kb / 1P
   MEGA짰 298 SPLASHPROOF SERIES FUSE HOLDER
2021
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
   MINI USB, SMT, B TYPE
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com