Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U4BF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0U4BF
Description  Ultra low capacitance bidirectional quadruple ESD protection arrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U4BF Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0U4BF Datasheet HTML 1Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 2Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 3Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 4Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 5Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 6Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 7Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 8Page - NXP Semiconductors PESD5V0U4BF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Ultra low capacitance bidirectional quadruple ElectroStatic Discharge (ESD) protection
arrays in ultra small Surface-Mounted Device (SMD) plastic packages designed to protect
up to four signal lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
PESD5V0U4BF; PESD5V0U4BW
Ultra low capacitance bidirectional quadruple ESD
protection arrays
Rev. 01 — 15 August 2008
Product data sheet
Table 1.
Product overview
Type number
Package
Package configuration
NXP
JEDEC
PESD5V0U4BF
SOT886
MO-252
leadless ultra small
PESD5V0U4BW
SOT665
-
ultra small and flat lead
I Bidirectional ESD protection of up to
four lines
I ESD protection up to 10 kV
I Ultra low diode capacitance: Cd = 2.9 pF I IEC 61000-4-2; level 4 (ESD)
I Ultra low leakage current: IRM =5nA
I AEC-Q101 qualified
I Computers and peripherals
I Portable electronics
I Audio and video equipment
I Subscriber Identity Module (SIM) card
protection
I Cellular handsets and accessories
I FireWire
I 10/100/1000 Mbit/s Ethernet
I High-speed data lines
I Communication systems


Similar Part No. - PESD5V0U4BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
logo
Nexperia B.V. All right...
PESD5V0U4BF NEXPERIA-PESD5V0U4BF Datasheet
223Kb / 11P
   Ultra low capacitance bidirectional quadruple ESD protection array
28 December 2022
More results

Similar Description - PESD5V0U4BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U5BF PHILIPS-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
logo
Nexperia B.V. All right...
PESD5V0U4BF NEXPERIA-PESD5V0U4BF Datasheet
223Kb / 11P
   Ultra low capacitance bidirectional quadruple ESD protection array
28 December 2022
PESD5V0U4BW NEXPERIA-PESD5V0U4BW Datasheet
207Kb / 11P
   Ultra low capacitance bidirectional quadruple ESD protection array
28 December 2022
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com