Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502494-0670 Datasheet(PDF) 4 Page - MolexKits

Part # 502494-0670
Description  Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

502494-0670 Datasheet(HTML) 4 Page - MolexKits

  502494-0670 Datasheet HTML 1Page - MolexKits 502494-0670 Datasheet HTML 2Page - MolexKits 502494-0670 Datasheet HTML 3Page - MolexKits 502494-0670 Datasheet HTML 4Page - MolexKits 502494-0670 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0150
55959-1430
2
Japan
2.00mm (.079") Pitch MicroClasp™ 14 Circuit Right Angle
Header Dual Row
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 4 of 5


Similar Part No. - 502494-0670

ManufacturerPart #DatasheetDescription
logo
MolexKits
502494-0670 MOLEXKITS-502494-0670 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
502494-0670 MOLEXKITS-502494-0670 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
502494-0670 MOLEX11-502494-0670 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 6 Circuits
502494-0670 MOLEX-502494-0670 Datasheet
259Kb / 3P
   EMBOSSED TAPE PACKAGE FOR 502494
More results

Similar Description - 502494-0670

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2157102125 MOLEX-2157102125 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
   1.50mm (.059") Pitch Pico-SPOX?
0797580016 MOLEX1-0797580016_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0797581007 MOLEX1-0797581007 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0151350603 MOLEX1-0151350603_18 Datasheet
53Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
0151350300 MOLEX-0151350300 Datasheet
50Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0797580008 MOLEX1-0797580008_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com