Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5Z3.3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD5Z3.3
Description  Low capacitance unidirectional ESD protection diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5Z3.3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD5Z3.3 Datasheet HTML 5Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 6Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 7Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 8Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 9Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 10Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 11Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 12Page - NXP Semiconductors PESD5Z3.3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PESD5ZX_SER_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 4 April 2008
9 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
Fig 10. PESD5Z3.3: Clamped +8 kV ESD pulse
waveform (IEC 61000-4-2 network)
Fig 11. PESD5Z3.3: Clamped
−8 kV ESD pulse
waveform (IEC 61000-4-2 network)
Fig 12. PESD5Z5.0: Clamped +8 kV ESD pulse
waveform (IEC 61000-4-2 network)
Fig 13. PESD5Z5.0: Clamped
−8 kV ESD pulse
waveform (IEC 61000-4-2 network)
006aab061
vertical scale = 20 V/div
horizontal scale = 100 ns/div
GND
006aab062
vertical scale = 20 V/div
horizontal scale = 100 ns/div
GND
006aab063
vertical scale = 20 V/div
horizontal scale = 100 ns/div
GND
006aab064
vertical scale = 20 V/div
horizontal scale = 100 ns/div
GND


Similar Part No. - PESD5Z3.3

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z3.3-Q NEXPERIA-PESD5Z3.3-Q Datasheet
210Kb / 12P
   Low capacitance unidirectional ESD protection diode
25 November 2022
More results

Similar Description - PESD5Z3.3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
logo
Nexperia B.V. All right...
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
   Low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
logo
NXP Semiconductors
PESD6V0L2UU NXP-PESD6V0L2UU Datasheet
95Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-11 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com