Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35507-0200 Datasheet(PDF) 1 Page - MolexKits

Part # 35507-0200
Description  Secure and Space Saving Vertical and Right Angle Header, and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

35507-0200 Datasheet(HTML) 1 Page - MolexKits

  35507-0200 Datasheet HTML 1Page - MolexKits 35507-0200 Datasheet HTML 2Page - MolexKits 35507-0200 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0156
Originally developed for PC monitor applications, this new 2.0mm pitch system
can also be used for other applications that require space savings and secure
locking features. The Sherlock system utilizes Molex's proven 50212 terminal,
along with a positive lock housing.
Design
Configuration:
Part Number:
76650-0156
Manufacturer:
Country of Origin:
Sherlock™
Certificates:
Secure and Space Saving Vertical and Right Angle Header, and Receptacle
Title
Sherlock Connector Kit
General Information
Molex / Waldom
Wire to Board
2.0mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Connector Type:
Receptacles and Headers
Right Angle and Vertical
Voltage:
30-24 AWG
Current Rating:
Product Highlights
Mounting
Orientation:
2, 3, 4, 6 and 8
Wire size:
125 Volts
Circuit Sizes:
(0.5 to 2) Amps - Dependant on Wire Gauge
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 35507-0200

ManufacturerPart #DatasheetDescription
logo
MolexKits
35507-0200 MOLEXKITS-35507-0200 Datasheet
22Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
35507-0200 MOLEX5-35507-0200 Datasheet
313Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Housing, Natural, 2 Circuits
35507-0200 MOLEX11-35507-0200 Datasheet
41Kb / 2P
   2.00mm Pitch Sherlock??Wire-to-Board Housing, Natural, 2 Circuits
More results

Similar Description - 35507-0200

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0170 MOLEXKITS-76650-0170 Datasheet
39Kb / 3P
   High Vibration Signal Vertical and Right Angle Header and Receptacle.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com