Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VL2BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD15VL2BT
Description  Low capacitance double bidirectional ESD protection diodes in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD15VL2BT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD15VL2BT Datasheet HTML 3Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 4Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 5Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 6Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 7Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 8Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 9Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 10Page - NXP Semiconductors PESD15VL2BT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PESDXL2BT_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 August 2009
7 of 14
NXP Semiconductors
PESDxL2BT series
Low capacitance double bidirectional ESD protection diodes in SOT23
Tamb =25 °C
(1) PESD3V3L2BT and PESD5V0L2BT
(2) PESD12VL2BT, PESD15VL2BT, PESD24VL2BT
Fig 3.
Peak pulse power as a function of exponential
pulse duration tp; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
Tamb =25 °C; f = 1 MHz
(1) PESD3V3L2BT
(2) PESD5V0L2BT
Tamb =25 °C; f = 1 MHz
(1) PESD12VL2BT
(2) PESD15VL2BT
(3) PESD24VL2BT
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
006aaa531
103
102
104
PPP
(W)
10
tp (µs)
1104
103
10
102
(1)
(2)
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
05
4
23
1
006aaa067
70
90
100
110
Cd
(pF)
50
60
80
(1)
(2)
VR (V)
025
20
10
15
5
006aaa068
8
12
4
16
20
Cd
(pF)
0
(1)
(2)
(3)


Similar Part No. - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL2BT PHILIPS-PESD15VL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
TECH PUBLIC Electronics...
PESD15VL2BT TECHPUBLIC-PESD15VL2BT Datasheet
1Mb / 4P
   2-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD15VL2BT NEXPERIA-PESD15VL2BT Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
logo
Guangdong Youtai Semico...
PESD15VL2BT UMW-PESD15VL2BT Datasheet
341Kb / 3P
   Bidirectional and unidirectionalconfigurations
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
More results

Similar Description - PESD15VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
PJEC24MTA-AU PANJIT-PJEC24MTA-AU Datasheet
127Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
July 5,2016-REV.00
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com