Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S5UD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0S5UD
Description  Fivefold ESD protection diode arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S5UD Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0S5UD Datasheet HTML 1Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 2Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 3Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 4Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 5Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 6Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 7Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 8Page - NXP Semiconductors PESD5V0S5UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Fivefold ElectroStatic Discharge (ESD) protection diode arrays in a SOT457 (SC-74) small
Surface-Mounted Device (SMD) plastic package designed to protect up to five signal lines
from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESDxS5UD series
Fivefold ESD protection diode arrays
Rev. 02 — 7 December 2006
Product data sheet
I ESD protection of up to five lines
I ESD protection up to 30 kV
I Max. peak pulse power: PPP = 200 W
I IEC 61000-4-2; level 4 (ESD)
I Ultra low leakage current: IRM =50pA
I IEC 61000-4-5 (surge); IPP up to 20 A
I Low clamping voltage: VCL =12V at
IPP =20A
I Computers and peripherals
I Communication systems
I Audio and video equipment
I Portable electronics
I Cellular handsets and accessories
I Subscriber Identity Module (SIM) card
protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3S5UD
-
-
3.3
V
PESD5V0S5UD
-
-
5
V
PESD12VS5UD
-
-
12
V
PESD15VS5UD
-
-
15
V
PESD24VS5UD
-
-
24
V


Similar Part No. - PESD5V0S5UD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S5UD NEXPERIA-PESD5V0S5UD Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
PESD5V0S5UD-Q NEXPERIA-PESD5V0S5UD-Q Datasheet
250Kb / 12P
   Fivefold ESD protection diode array
3 July 2023
More results

Similar Description - PESD5V0S5UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
PESD5V0L5UK PHILIPS-PESD5V0L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1-25 August 2010
logo
Nexperia B.V. All right...
PESD12VS5UD-Q NEXPERIA-PESD12VS5UD-Q Datasheet
238Kb / 12P
   Fivefold ESD protection diode array
15 May 2023
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com