Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63819-1200 Datasheet(PDF) 1 Page - MolexKits

Part # 63819-1200
Description  Free Hanging Plug and Receptacle, 1 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63819-1200 Datasheet(HTML) 1 Page - MolexKits

  63819-1200 Datasheet HTML 1Page - MolexKits 63819-1200 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0061
Wire to Wire
Product Highlights
Applications
Features and Benefits
Connector Type:
600 Volts
The Standard .093" is a durable and economical power or signal connector,
capable of carrying up to 12 amps per circuit. Tough Nylon housings and robust
terminal design create a durable, long lasting product. The Standard .093" products
are reliable and offer high value in features and price. These products are an
excellent choice for power or signal interconnect applications.
Mounting
Orientation:
Wire size:
22-18 AWG
Current Rating:
5 Amps
Voltage:
• Male and female terminals may be used in
either plug or receptacle housings
• Free hanging or panel mount housing
version available
• Round terminals may be oriented in any
direction for fast assembly
• Power Supplies
• Appliances
• Gaming Machines
• Vending Machines
• Refrigerators
• Washing Machines
• Copy Machines
General Information
Molex / Waldom
Free-hanging
5.03mm (.198 ")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
76650-0061
Manufacturer:
Country of Origin:
Standard .093"
Certificates:
Free Hanging Plug and Receptacle, 1 Circuit
Title:
.093" Power Connector Kit
Specifications
Circuit Sizes:
Plug and Receptacle
1
Pitch:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 63819-1200

ManufacturerPart #DatasheetDescription
logo
MolexKits
63819-1200 MOLEXKITS-63819-1200 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
63819-1200 MOLEXKITS-63819-1200 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
63819-1200 MOLEXKITS-63819-1200 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
63819-1200 MOLEXKITS-63819-1200 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
63819-1200 MOLEXKITS-63819-1200 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 3 Circuit
More results

Similar Description - 63819-1200

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
logo
MolexKits
76650-0075 MOLEXKITS-76650-0075 Datasheet
38Kb / 2P
   Plug and Receptacle, 4 Circuit
76650-0079 MOLEXKITS-76650-0079 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0076 MOLEXKITS-76650-0076 Datasheet
38Kb / 2P
   Plug and Receptacle, 6 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com