Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U1UT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0U1UT
Description  Ultra low capacitance ESD protection diode in SOT23 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0U1UT Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0U1UT Datasheet HTML 1Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 2Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1UT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PESDXU1UT_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
5 of 13
NXP Semiconductors
PESDxU1UT series
Ultra low capacitance ESD protection diode in SOT23 package
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 2
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
PESD3V3U1UT
-
-
3.3
V
PESD5V0U1UT
-
-
5.0
V
PESD12VU1UT
-
-
12
V
PESD15VU1UT
-
-
15
V
PESD24VU1UT
-
-
24
V
IRM
reverse leakage current
PESD3V3U1UT
VRWM = 3.3 V
-
0.25
2
µA
PESD5V0U1UT
VRWM = 5.0 V
-
0.03
1
µA
PESD12VU1UT
VRWM = 12 V
-
< 1
50
nA
PESD15VU1UT
VRWM = 15 V
-
< 1
50
nA
PESD24VU1UT
VRWM = 24 V
-
< 1
50
nA
VBR
breakdown voltage
IR = 5 mA
[2]
PESD3V3U1UT
5.8
6.4
6.9
V
PESD5V0U1UT
7.0
7.6
8.2
V
PESD12VU1UT
14.2
15.0
16.7
V
PESD15VU1UT
17.1
18.9
20.3
V
PESD24VU1UT
25.4
27.8
30.3
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
[2] -
0.6
1.5
pF
VCL
clamping voltage
[1][2]
PESD3V3U1UT
IPP = 1 A
-
-
9
V
IPP = 5 A
-
-
20
V
PESD5V0U1UT
IPP = 1 A
-
-
12
V
IPP = 5 A
-
-
21
V
PESD12VU1UT
IPP = 1 A
-
-
23
V
IPP = 5 A
-
-
39
V
PESD15VU1UT
IPP = 1 A
-
-
28
V
IPP = 5 A
-
-
53
V
PESD24VU1UT
IPP = 1 A
-
-
40
V
IPP = 3 A
-
-
76
V
rdif
differential resistance
IR = 1 mA
PESD3V3U1UT
-
-
400
PESD5V0U1UT
-
-
80
PESD12VU1UT
-
-
200
PESD15VU1UT
-
-
225
PESD24VU1UT
-
-
300


Similar Part No. - PESD5V0U1UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U1UT PHILIPS-PESD5V0U1UT Datasheet
104Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PESD5V0U1UT NEXPERIA-PESD5V0U1UT Datasheet
674Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02 - 20 August 2009
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
   Ultra low capacitance ESD protection diode
16 November 2022
More results

Similar Description - PESD5V0U1UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXU1UT PHILIPS-PESDXU1UT Datasheet
104Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PESDXU1UT_SER NEXPERIA-PESDXU1UT_SER Datasheet
674Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S2BT PHILIPS-PESD5V0S2BT Datasheet
74Kb / 11P
   Low capacitance bi-directional double ESD protection diode in SOT23 package
Rev. 02-27 May 2004
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD3V3S2UAT-Q NEXPERIA-PESD3V3S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
2 June 2023
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
   Double ESD protection diode in SOT23 package
27 June 2023
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 11P
   Double ESD protection diode in SOT23 package
24 July 2023
PESD5V0S2UAT NEXPERIA-PESD5V0S2UAT Datasheet
205Kb / 11P
   Double ESD protection diode in SOT23 package
1 April 2023
PESD15VS2UAT NEXPERIA-PESD15VS2UAT Datasheet
244Kb / 11P
   Double ESD protection diode in SOT23 package
13 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com