Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502494-1270 Datasheet(PDF) 2 Page - MolexKits

Part # 502494-1270
Description  SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

502494-1270 Datasheet(HTML) 2 Page - MolexKits

  502494-1270 Datasheet HTML 1Page - MolexKits 502494-1270 Datasheet HTML 2Page - MolexKits 502494-1270 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0164
Molex Part No.
Quantity in
Kit
502438-0100
100
502439-0400
5
502439-0600
5
502439-0800
4
502439-1200
3
502439-1400
3
502443-0470
5
502443-0670
5
502443-0870
4
502443-1270
3
502443-1470
3
502494-0470
5
502494-0670
5
502494-0870
4
502494-1270
3
2.0mm (.079") Pitch CLIK-Mate™ Plug Housing 6 Circuits
Japan
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Right Angle SMT
8 Circuits
Japan
2.0mm (.079") Pitch CLIK-Mate™ Plug Housing 8 Circuits
Japan
2.0mm (.079") Pitch CLIK-Mate™ Plug Housing 12 Circuits
2.0mm (.079") Pitch CLIK-Mate™ Plug Housing 14 Circuits
Japan
Country
of Origin
Japan
• Robust single positive inner lock (below
8 circuits), audible "click", low insertion
force and secure mating
• Flat area for pick-and-place, no costly
capton tape needed
• Tuning fork style contact design, secure
contact, and avoids terminal stubbing
• Low insertion force, easy and quick mating
for operators
• Reinforced metal solder tabs, housing wall
support and secure PCB retention
2.0mm (.079") Pitch CLIK-Mate™ Plug Housing 4 Circuits
• LCD/PDP Televisions
• Gaming/Pachinko
• Data Communication Equipment
• Any application requiring superior mating
assurance
Bill of Materials for Part No. 76650-0164
CLIK-Mate™ Crimp Terminal Male (26-22) AWG for 2.0mm
(.079") Pitch
Japan
Description
Japan
Japan
Japan
Japan
Japan
Japan
Japan
Japan
Japan
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Right Angle SMT
12 Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT 4
Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT 6
Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT 8
Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Right Angle SMT
6 Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT 12
Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT 14
Circuits
2.0mm (.079") Pitch CLIK-Mate™ Receptacle Right Angle SMT
4 Circuits
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 502494-1270

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502494-1270 MOLEX11-502494-1270 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 12 Circuits
502494-1270 MOLEX-502494-1270 Datasheet
259Kb / 3P
   EMBOSSED TAPE PACKAGE FOR 502494
More results

Similar Description - 502494-1270

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com