Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP3310A Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZVP3310A
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP3310A Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZVP3310A Datasheet HTML 1Page - Zetex Semiconductors ZVP3310A Datasheet HTML 2Page - Zetex Semiconductors ZVP3310A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
Transconductance v drain current
ID- Drain Current (Amps)
0
Q-Charge (nC)
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
0
-1
-2
-3
-4-5
-6
-7
-8-9
-10
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Coss
Gate charge v gate-source voltage
-6
-8
-10
-14
-16
-12
-4
-2
0
VDS=
-25V
ID=- 0.2A
-50V
-100V
0.1 0.2 0.3 0.4 0.5 0.6
Ciss
Crss
0.7 0.8 0.9 1.0 1.1 1.2
0
-0.1
-0.2
-0.3 -0.4
-0.5
-0.6
-0.7
-0.8
0
VDS=-10V
30
20
10
40
80
70
60
50
90
100
0
VDS=-10V
30
20
10
40
80
70
60
50
90
100
0
-0.1
-0.2
-0.3 -0.4
-0.5
-0.6
-0.7
-0.8
0
VDS=-10V
30
20
10
40
80
70
60
50
90
100
0
-10
-20
-30
-40
-50
-60
-70
-80
VGS=0V
f
=1MHz
0
30
20
10
40
50
ZVP3310A
3-434


Similar Part No. - ZVP3310A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP3310A DIODES-ZVP3310A Datasheet
94Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVP3310A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com