Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90122-0127 Datasheet(PDF) 1 Page - MolexKits

Part # 90122-0127
Description  Dual Row Right Angle Header and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

90122-0127 Datasheet(HTML) 1 Page - MolexKits

  90122-0127 Datasheet HTML 1Page - MolexKits 90122-0127 Datasheet HTML 2Page - MolexKits 90122-0127 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0179
Pitch:
Mounting
Orientation:
6, 8, 10, 12, 14 and 16
Wire Size:
Connector Type:
3 Amps
Design
Configuration:
Circuit Sizes:
Receptacles and Headers
Right Angle
76650-0179
Manufacturer:
Country of Origin:
C-Grid III™
Certificates:
Dual Row Right Angle Header and Receptacle
(Molex Parts within this kit) - EU RoHS Compliant
Title:
C-Grid III Connector Kit
Specifications
General Information
Molex / Waldom
Wire-to-Board
2.54mm (.100")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
24-22 AWG
Current Rating:
The 3rd generation C-Grid III 2.54mm (.100") pitch post and receptacle
interconnection system offers complete design flexibility and modular components
that provide the widest range of electronic packaging alternatives. C-Grid III is a
highly-versatile 2.54mm interconnection system offering unique design features:
Surface Treatment (platings), Flexibility, Advantage by Design (same mating
concept with all termination techniques), Interchangeability (fully compatible with the
industry standard DIN41651 as well as the French norm HE-13/14), and Lower
Applied Cost.
Product Highlights
350 Volts
Voltage:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 90122-0127

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90122 NTE-90122 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
More results

Similar Description - 90122-0127

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com