Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63811-6100 Datasheet(PDF) 1 Page - MolexKits

Part # 63811-6100
Description  Single Row Matte Sealed Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63811-6100 Datasheet(HTML) 1 Page - MolexKits

  63811-6100 Datasheet HTML 1Page - MolexKits 63811-6100 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0186
Description:
Product Family:
Product Highlights
(Molex Parts within this kit) - EU RoHS Compliant
Design
Configuration:
The MX150 Sealed Connector System is designed to meet the need for a rugged,
environmentally sealed connector system supporting both low-level signal
applications as well as power applications up to 22A, from on-engine automotive
applications to off-read construction equipment applications. This design eliminates
the need to purchase, handle and crimp individual wire seals to lower applied cost,
is in a reduced package size for typical SAE style wire.
Kit assembled in U.S.A.
Connector Type:
Plugs and Receptacles
General Information
Wire-to-Wire
Part Number:
76650-0186
Molex / Waldom
Manufacturer:
Country of Origin:
Certificates:
Single Row Matte Sealed Plug and Receptacle
MX150™
20-18 AWG
Current Rating:
3, 4 and 6
Wire size:
Circuit Sizes:
Voltage Rating:
250 Volts
22 Amps
3.5mm (.138")
Specifications
Pitch:
Title:
MX150 Connector Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 63811-6100

ManufacturerPart #DatasheetDescription
logo
MolexKits
63811-6100 MOLEXKITS-63811-6100 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
logo
Molex Electronics Ltd.
63811-6100 MOLEX11-63811-6100 Datasheet
41Kb / 1P
   Hand Crimp Tool, Metric 1.00 and 1.50
More results

Similar Description - 63811-6100

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
   Dual Row Sealed Plug and Receptacle, IP-67
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
   Circular Sealed Plug and Receptacle, IP-67
76650-0149 MOLEXKITS-76650-0149 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
76650-0002 MOLEXKITS-76650-0002 Datasheet
38Kb / 2P
   Fully Polarized Single Row Plug and Receptacle
76650-0152 MOLEXKITS-76650-0152 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
76650-0166 MOLEXKITS-76650-0166 Datasheet
38Kb / 2P
   Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
logo
Molex Electronics Ltd.
2042208008 MOLEX1-2042208008 Datasheet
54Kb / 1P
   Squba Sealed Receptacle Assembly, 1.80mm Pitch, 7 Circuits, Single Row, Seal Plug
2042204004 MOLEX1-2042204004 Datasheet
53Kb / 1P
   Squba Sealed Receptacle Assembly, 1.80mm Pitch, 3 Circuits, Single Row, Seal Plug
logo
MolexKits
76650-0059 MOLEXKITS-76650-0059 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 4 Circuit
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com