Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4424Z Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZVP4424Z
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP4424Z Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZVP4424Z Datasheet HTML 1Page - Zetex Semiconductors ZVP4424Z Datasheet HTML 2Page - Zetex Semiconductors ZVP4424Z Datasheet HTML 3Page - Zetex Semiconductors ZVP4424Z Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Crss
Coss
TYPICAL CHARACTERISTICS
01
4
5
-6
-8
-10
-14
-16
-12
-4
-2
0
Q-Gate Charge (nC)
200
150
100
0
50
250
300
-0.01
-1
-10
-100
V,5-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Note:VGS=0V
Ciss
/
5
Gate charge v gate-source voltage
VDS=
-20V
-50V
-100V
Note:ID=- 0.25A
!
ZVP4424Z


Similar Part No. - ZVP4424Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4424Z DIODES-ZVP4424Z Datasheet
110Kb / 4P
   SOT89 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424Z DIODES-ZVP4424Z_15 Datasheet
705Kb / 6P
   240V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVP4424Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com