Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525G Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZVP4525G
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP4525G Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZVP4525G Datasheet HTML 1Page - Zetex Semiconductors ZVP4525G Datasheet HTML 2Page - Zetex Semiconductors ZVP4525G Datasheet HTML 3Page - Zetex Semiconductors ZVP4525G Datasheet HTML 4Page - Zetex Semiconductors ZVP4525G Datasheet HTML 5Page - Zetex Semiconductors ZVP4525G Datasheet HTML 6Page - Zetex Semiconductors ZVP4525G Datasheet HTML 7Page - Zetex Semiconductors ZVP4525G Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ISSUE 1 - MARCH 2001
ZVP4525G
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-250
-285
V
I
D=-1mA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-30
-500
nA
V
DS=-250V, VGS=0V
Gate-Body Leakage
I
GSS
±1
±100
nA
V
GS=±40V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
-0.8
-1.5
-2.0
V
I
D
=-1mA, V
DS=VGS
Static Drain-Source On-State Resistance (1)
R
DS(on)
10
13
14
18
V
GS=-10V, ID=-200mA
V
GS=-3.5V, ID=-100mA
Forward Transconductance (3)
g
fs
80
200
mS
V
DS=-10V,ID=-0.15A
DYNAMIC (3)
Input Capacitance
C
iss
73
pF
V
DS=-25 V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
12.8
pF
Reverse Transfer Capacitance
C
rss
3.91
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
1.53
ns
V
DD =-30V, ID=-200mA
R
G=50Ω,VGS=-10V
(refer to test circuit)
Rise Time
t
r
3.78
ns
Turn-Off Delay Time
t
d(off)
17.5
ns
Fall Time
t
f
7.85
ns
Total Gate Charge
Q
g
2.45
3.45
nC
V
DS=-25V,VGS=-10V,
ID=-200mA(refer to
test circuit)
Gate-Source Charge
Q
gs
0.22
0.31
nC
Gate Drain Charge
Q
gd
0.45
0.63
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.97
V
T
j=25°C, IS=-200mA,
V
GS=0V
Reverse Recovery Time (3)
t
rr
205
290
ns
T
j=25°C, IF=-200mA,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Q
rr
21
29
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZVP4525G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525GTA DIODES-ZVP4525GTA Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525GTC DIODES-ZVP4525GTC Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com