Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP212-12M Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP212-12M
Description  DC-to-DC converter powertrain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP212-12M Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP212-12M Datasheet HTML 7Page - NXP Semiconductors PIP212-12M Datasheet HTML 8Page - NXP Semiconductors PIP212-12M Datasheet HTML 9Page - NXP Semiconductors PIP212-12M Datasheet HTML 10Page - NXP Semiconductors PIP212-12M Datasheet HTML 11Page - NXP Semiconductors PIP212-12M Datasheet HTML 12Page - NXP Semiconductors PIP212-12M Datasheet HTML 13Page - NXP Semiconductors PIP212-12M Datasheet HTML 14Page - NXP Semiconductors PIP212-12M Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PIP212-12M_4
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 23 October 2006
11 of 21
NXP Semiconductors
PIP212-12M
DC-to-DC converter powertrain
12. Application information
12.1 Typical application
A typical four-phase buck converter is shown in Figure 10. This system uses four
PIP212-12M devices to deliver a continuous output current of 120 A at an operating
frequency of 500 kHz.
Fig 10. Typical application circuit using the PIP212-12M in a four-phase converter
10
22
µF
(4
×)
100
µF
(2
×)
1
µF
1
µF
100 nF
03ao41
360 nH
conversion supply
control circuit supply
voltage
output
PIP212-12M
VDDC
VDDO
VO
VI
VSSO
VSSC
VDDG
REG5V
DISABLE
CBP
CBN
PIP212-12M
VDDC
VDDO
VO
VI
VSSO
VSSC
VDDG
REG5V
DISABLE
CBP
CBN
PIP212-12M
VDDC
VDDO
VO
VI
VSSO
VSSC
VDDG
REG5V
DISABLE
CBP
CBN
PIP212-12M
VDDC
VDDO
VO
VI
VSSO
VSSC
VDDG
REG5V
DISABLE
CBP
CBN
100 nF
10
22
µF
(4
×)
100
µF
(2
×)
1
µF
1
µF
360 nH
PWM 1
PWM
CONTROLLER
VCC
PWM 1
PWM 1
PWM 1
100 nF
10
22
µF
(4
×)
100
µF
(2
×)
1
µF
1
µF
360 nH
100 nF
10
22
µF
(4
×)
100
µF
(2
×)
1
µF
1
µF
360 nH
100 nF
signal ground
power ground


Similar Part No. - PIP212-12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
   DC-to-DC converter powertrain
Rev. 02-2 March 2005
More results

Similar Description - PIP212-12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
   DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
   DC-to-DC converter powertrain
Rev. 02-2 March 2005
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
   DC to DC converter powertrain
Rev. 01-15 July 2002
PIP202-12M-2 NXP-PIP202-12M-2 Datasheet
339Kb / 20P
   DC-to-DC converter powertrain
Rev. 02-24 November 2003
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com