Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C184F5HAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C184F5HAC
Description  Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C184F5HAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C184F5HAC Datasheet HTML 1Page - Kemet Corporation C0402C184F5HAC Datasheet HTML 2Page - Kemet Corporation C0402C184F5HAC Datasheet HTML 3Page - Kemet Corporation C0402C184F5HAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Bulletin
KEMET’s Ultra Stable X8R Dielectric features a 150°C maximum operating temperature, offering the latest in high temperature di-
electric technology and therefore a reliable choice for extreme temperature applications. It offers the same temperature capability
as conventional X8R, but without the capacitance loss due to applied DC voltage. Ultra Stable X8R exhibits no capacitance loss
and is a suitable replacement for higher capacitance and larger footprint devices that fail to offer capacitance stability. Product ap-
plications include harsh environments such as Down Hole (Oil Exploration), Automotive (Under Hood), Military and Aerospace.
Six standard package options are available which include EIA 0402, 0603, 0805, 1206, 1210, and 1812 case sizes. Devices are
available in dc voltage ratings of 25V, 50V and 100V, with capacitance offerings ranging from 10pF to 0.22μF. Capacitance toler-
ances offerings include ±1%, ±2%, ±5%, ±10% and ±20%, with capacitance shift limited to ±15% from -55°C to +150°C.
All parts are environmentally friendly, in compliance with RoHS legislation (RoHS 6/6) and are being offered in both commercial
and automotive grades with 100% pure matte tin-plated terminations that allow for excellent solderability. A Sn/Pb termination
option is also available upon request.
EIA SIZE
CODE
METRIC
SIZE
CODE
L - LENGTH
W - WIDTH
B - BANDWIDTH
S
SEPARATION
minimum
MOUNTING
TECHNIQUE
0402
1005
1.0 (.04) ± .05 (.002)
0.5 (.02) ± .05 (.002)
0.30 (.012) ±.10 (.004)
0.3 (.012)
Solder Reflow
0603
1608
1.6 (.063) ± .15 (.006)
0.8 (.032) ± .15 (.006)
0.35 (.014) ± .15 (.006)
0.7 (.028)
Solder Wave +
or
Solder Reflow
0805
2012
2.0 (.079) ± .20 (.008)
1.25 (.049) ± .20 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± .20 (.008)
1.6 (.063) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± .20 (.008)
2.5 (.098) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
Solder Reflow
1812
4520
4.5 (.177) ± .3 (.012)
3.2 (.126) ± .3 (.012)
0.6 (.024) ± .35 (.014)
N/A
Dimensions - Millimeters (Inches)
Outline Drawing
Surface Mount Ceramic Chip Capacitors – Ultra Stable X8R Dielectric
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4000 11/09


Similar Part No. - C0402C184F5HAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C184F5HACAUTO KEMET-C0402C184F5HACAUTO Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0402C184F5HAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C125K8PAC KEMET-C0603C125K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0603C2759PAC KEMET-C0603C2759PAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C27619PAC KEMET-C1210C27619PAC Datasheet
26Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com