Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502494-0870 Datasheet(PDF) 3 Page - MolexKits

Part # 502494-0870
Description  PCB Through Hole, SMT (Surface Mount Technology)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

502494-0870 Datasheet(HTML) 3 Page - MolexKits

  502494-0870 Datasheet HTML 1Page - MolexKits 502494-0870 Datasheet HTML 2Page - MolexKits 502494-0870 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
50212-8100
Micro-Latch™ Female Crimp Terminal, 30-24 AWG
100
502438-0100
CLIK-Mate™ Male Crimp Terminal, 26-22 AWG Loose
100
502439-0400
2.00mm (.079") Pitch, CLIK-Mate™ 4 Circuit, Plug Housing
3
502439-0600
2.00mm (.079") Pitch, CLIK-Mate™ 6 Circuit, Plug Housing
3
502439-0800
2.00mm (.079") Pitch, CLIK-Mate™ 8 Circuit, Plug Housing
3
502443-0470
2.00mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT, 4 Circuits
3
502443-0670
2.00mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT, 6 Circuits
3
502443-0870
2.00mm (.079") Pitch CLIK-Mate™ Receptacle Vertical SMT, 8 Circuits
3
502494-0470
2.00mm (.079") Pitch CLIK-Mate™ 4 Circuit Receptacle, Right Angle SMT
3
502494-0670
2.00mm (.079") Pitch CLIK-Mate™ 6 Circuit Receptacle, Right Angle SMT
3
502494-0870
2.00mm (.079") Pitch CLIK-Mate™ 8 Circuit Receptacle, Right Angle SMT
3
51004-0600
2.00mm (.079") Pitch, MicroBlade™ Receptacle, 6 Circuits
3
51004-0900
2.00mm (.079") Pitch, MicroBlade™ Receptacle, 9 Circuits
3
51004-1100
2.00mm (.079") Pitch, MicroBlade™ Receptacle, 11 Circuits
3
51065-0200
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 2 Circuits
3
51065-0300
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 3 Circuits
3
51065-0400
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 4 Circuits
3
51065-0800
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 8 Circuits
3
51353-1200
2.00mm (.079") Pitch MicroClasp™ 12 Circuit, Receptacle, Dual Row
3
51353-1400
2.00mm (.079") Pitch MicroClasp™ 14 Circuit, Receptacle, Dual Row
3
53014-0610
2.00mm (.079") Pitch, MicroBlade™ Header, Vertical, 6 Circuits
3
53014-0910
2.00mm (.079") Pitch, MicroBlade™ Header, Vertical, 9 Circuits
3
53014-1110
2.00mm (.079") Pitch, MicroBlade™ Header, Vertical, 11 Circuits
3
53015-0610
2.00mm (.079") Pitch, MicroBlade™ Header, Right Angle, 6 Circuits
3
53015-0910
2.00mm (.079") Pitch, MicroBlade™ Header, Right Angle, 9 Circuits
3
53015-1110
2.00mm (.079") Pitch, MicroBlade™ Header, Right Angle, 11 Circuits
3
53253-0270
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 2 Circuits
3
53253-0370
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 3 Circuits
3
53253-0470
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 4 Circuits
3
53253-0670
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 6 Circuits
3
53253-0870
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 8 Circuits
3
53254-0270
2.00mm (.079") Pitch Micro-Latch™ Right Angle Header, 2 Circuits
3
53254-0370
2.00mm (.079") Pitch Micro-Latch™ Right Angle Header, 3 Circuits
3
53254-0470
2.00mm (.079") Pitch Micro-Latch™ Right Angle Header, 4 Circuits
3
55959-0830
2.00mm (.079") Pitch MicroClasp™ 8 Circuit Right Angle Header, Dual Row
3
55959-1230
2.00mm (.079") Pitch MicroClasp™ 12 Circuit Right Angle Header, Dual Row
3
55959-1430
2.00mm (.079") Pitch MicroClasp™ 14 Circuit Right Angle Header, Dual Row
3
56134-9100
MicroClasp™ Female Terminal, 26-22 AWG
100
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 502494-0870

ManufacturerPart #DatasheetDescription
logo
MolexKits
502494-0870 MOLEXKITS-502494-0870 Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
502494-0870 MOLEXKITS-502494-0870 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
logo
Molex Electronics Ltd.
502494-0870 MOLEX11-502494-0870 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 8 Circuits
502494-0870 MOLEX-502494-0870 Datasheet
259Kb / 3P
   EMBOSSED TAPE PACKAGE FOR 502494
More results

Similar Description - 502494-0870

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0236 MOLEXKITS-76650-0236 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
List of Unclassifed Man...
095516678XX741 ETC2-095516678XX741 Datasheet
171Kb / 8P
   Surface Mount Technology (SMT) board connectors
logo
TE Connectivity Ltd
108-32063 TEC-108-32063 Datasheet
415Kb / 5P
   Surface Mount Technology (SMT) Releasable Poke-In Connectors
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Samtec, Inc
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
logo
MolexKits
76650-0235 MOLEXKITS-76650-0235 Datasheet
22Kb / 3P
   PCB Through Hole
logo
Samtec, Inc
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-110-02-S-D-WT SAMTEC-TFM-110-02-S-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com