Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE72010RGCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCR
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE72010RGCR Datasheet HTML 5Page - Texas Instruments CDCE72010RGCR Datasheet HTML 6Page - Texas Instruments CDCE72010RGCR Datasheet HTML 7Page - Texas Instruments CDCE72010RGCR Datasheet HTML 8Page - Texas Instruments CDCE72010RGCR Datasheet HTML 9Page - Texas Instruments CDCE72010RGCR Datasheet HTML 10Page - Texas Instruments CDCE72010RGCR Datasheet HTML 11Page - Texas Instruments CDCE72010RGCR Datasheet HTML 12Page - Texas Instruments CDCE72010RGCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
AC/DC CHARACTERISTICS (CONTINUED)
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS Output
Output frequency (see
fclk
Load = 5 pF to GND
250
MHz
Figure 2 )
High-level output voltage
VOH
VCC = min to max
IOH = –100 µA
VCC – 0.5
V
for LVCMOS outputs
Low-level output voltage
VOL
VCC = min to max
IOL=100 µA
0.3
V
for LVCMOS outputs
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V,
VO = 1.65 V
33
mA
Phase offset without
VCXO at 491.52MHz, Output 1 is divide by
tpho
using available delay
16 and reference at 30.72MHz, M and N
13
ns
adjustment
delays are fixed to one value (set to 0).
tpd(LH)/
Propagation delay from
Crosspoint to VCC/2, load = 5 pF, (PLL
3.3
ns
tpd(HL)
VCXO_IN to Outputs
bypass mode)
Divide by 1 for all dividers
75
Skew, output-to-output
Divide by 16 for all dividers
75
tsk(o)
LVCMOS single-ended
ps
Divide by 1 for divider 1 divide by 16 for all
output
1400
other dividers
Output capacitance on Y0
CO
VCC = 3.3 V; VO = 0 V or VCC
5
pF
to Y8
CO
Output capacitance on Y9 VCC = 3.3 V; VO = 0 V or VCC
5
pF
3-state LVCMOS output
IOZH
VO = VCC
5
µA
current
3-state LVCMOS output
IOZL
VO = 0V
–5
µA
current
Power-down output
IOPDH
VO = VCC
25
µA
current
Power-down output
IOPDL
VO = 0V
5
µA
current
Duty cycle
LVCMOS
50% to 50%
45
55
%
tslew-rate
Output rise/fall slew rate
3.6
5.2
V/ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE72010


Similar Part No. - CDCE72010RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010RGCR TI-CDCE72010RGCR Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
More results

Similar Description - CDCE72010RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com