Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD9001D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMD9001D
Description  MOSFET driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9001D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMD9001D Datasheet HTML 5Page - NXP Semiconductors PMD9001D Datasheet HTML 6Page - NXP Semiconductors PMD9001D Datasheet HTML 7Page - NXP Semiconductors PMD9001D Datasheet HTML 8Page - NXP Semiconductors PMD9001D Datasheet HTML 9Page - NXP Semiconductors PMD9001D Datasheet HTML 10Page - NXP Semiconductors PMD9001D Datasheet HTML 11Page - NXP Semiconductors PMD9001D Datasheet HTML 12Page - NXP Semiconductors PMD9001D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PMD9001D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2006
9 of 15
NXP Semiconductors
PMD9001D
MOSFET driver
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
(4) Tamb = 125 °C
(5) Tamb = 150 °C
Tamb =25 °C
Fig 9.
TR2 and D1: DC current gain as a function of
collector current; typical values
Fig 10. TR2: Collector current as a function of
collector-emitter voltage; typical values
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 11. TR2: Base-emitter voltage as a function of
collector current; typical values
Fig 12. TR2: Base-emitter saturation voltage as a
function of collector current; typical values
006aaa929
200
300
100
400
500
hFE
0
IC (mA)
10−1
103
102
110
(1)
(3)
(4)
(5)
(2)
VCE (V)
05
4
23
1
006aaa930
0.08
0.12
0.04
0.16
0.20
IC
(A)
0
IB (mA) = 5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
006aaa931
0.6
0.8
0.4
1.0
1.2
VBE
(V)
0.2
IC (mA)
10−2
103
102
10−1
10
1
(2)
(3)
(1)
006aaa932
0.6
0.8
0.4
1.0
1.2
VBEsat
(V)
0.2
IC (mA)
10−2
103
102
10−1
10
1
(2)
(3)
(1)


Similar Part No. - PMD9001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9001D PHILIPS-PMD9001D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMD9001D NEXPERIA-PMD9001D Datasheet
243Kb / 16P
   MOSFET driver
Rev. 01 - 16 November 2006
More results

Similar Description - PMD9001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
   MOSFET driver
Rev. 01-20 November 2006
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
   MOSFET driver
Rev. 01-27 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
   MOSFET Driver
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com