Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD9050D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMD9050D
Description  MOSFET driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors PMD9050D Datasheet HTML 10Page - NXP Semiconductors PMD9050D Datasheet HTML 11Page - NXP Semiconductors PMD9050D Datasheet HTML 12Page - NXP Semiconductors PMD9050D Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PMD9050D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2006
9 of 13
NXP Semiconductors
PMD9050D
MOSFET driver
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 11. Package outline SOT457 (SC-74)
04-11-08
Dimensions in mm
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
13
2
4
5
6
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMD9050D
SOT457
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165


Similar Part No. - PMD9050D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9050D PHILIPS-PMD9050D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMD9050D NEXPERIA-PMD9050D Datasheet
253Kb / 14P
   MOSFET driver
Rev. 01 - 27 November 2006
More results

Similar Description - PMD9050D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
   MOSFET driver
Rev. 01-20 November 2006
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
   MOSFET Driver
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com