Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-1394462-5 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 5-1394462-5
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1394462-5 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 5-1394462-5 Datasheet HTML 2Page - Tyco Electronics 5-1394462-5 Datasheet HTML 3Page - Tyco Electronics 5-1394462-5 Datasheet HTML 4Page - Tyco Electronics 5-1394462-5 Datasheet HTML 5Page - Tyco Electronics 5-1394462-5 Datasheet HTML 6Page - Tyco Electronics 5-1394462-5 Datasheet HTML 7Page - Tyco Electronics 5-1394462-5 Datasheet HTML 8Page - Tyco Electronics 5-1394462-5 Datasheet HTML 9Page - Tyco Electronics 5-1394462-5 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Medium Junction Box – Serial Interconnection
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
4
Junction Box with Mounted Cable and Connectors
Part Number
Contact
Rails
Diodes
Cable Length
(mm)
Wire Size
(mm2)
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1987002-4
4
3
6.0
1,000
4.0
1740699-6
4
3
8.5
1,000
4.0
1740971-2
4
3
13.0
1,000
4.0
Junction Box with Connector Outlet
Part Number
Contact
Rails
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1987003-3
4
3
6.0
1740700-1
4
3
8.5
1740972-1
4
3
13.0
Standard mounting on the panel with silicone glue (approved types see application specification).
Optional with double-sided adhesive tape (specifications of the adhesive tape can be found in the
datasheets of the manufacturer).
W: 115 mm
H: 22.5 mm
All mentioned versions are standard. Plus-connection see drawing.
+


Similar Part No. - 5-1394462-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1394462-5 TEC-5-1394462-5 Datasheet
1Mb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 5-1394462-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com