Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3461 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI3461
Description  SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3461 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI3461 Datasheet HTML 2Page - Silicon Laboratories SI3461 Datasheet HTML 3Page - Silicon Laboratories SI3461 Datasheet HTML 4Page - Silicon Laboratories SI3461 Datasheet HTML 5Page - Silicon Laboratories SI3461 Datasheet HTML 6Page - Silicon Laboratories SI3461 Datasheet HTML 7Page - Silicon Laboratories SI3461 Datasheet HTML 8Page - Silicon Laboratories SI3461 Datasheet HTML 9Page - Silicon Laboratories SI3461 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Si3461
6
Rev. 1.0
Table 3. Electrical Characteristics*
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Digital Pins: CLSMARK, DC1, DC2, CLSMODE, STATUS (Output mode), RST
Output High Voltage
VOH
IOH =–3mA
IOH =–10 µA
0.7 x VDD
VDD – 0.1
V
Output Low Voltage
VOL
IOL =8.5 mA
IOL =10µA
0.6
0.1
V
Input High Voltage
VIH
Any digital pin
0.7 x VDD
V
Input Low Voltage
VIL
Any digital pin
0.6
V
Input Leakage Current
IIL
VIN =0V
±1
µA
Analog Pins: ISENSE, VSENSE, DETA, STATUS (Input mode)
Input Capacitance
—5—
pF
Input Leakage Current
IIL
—±1—
µA
*Note: VDD = 2.7 to 3.6 V, –40 to +85 °C unless otherwise specified.


Similar Part No. - SI3461

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si3461-E02-GM SILABS-Si3461-E02-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3461-E02-GMR SILABS-Si3461-E02-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

Similar Description - SI3461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Linear Technology
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com